Electronic Components Datasheet Search
  English  ▼

X  

LM101A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM101A
Description  SINGLE OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM101A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM101A Datasheet HTML 1Page - National Semiconductor (TI) LM101A Datasheet HTML 2Page - National Semiconductor (TI) LM101A Datasheet HTML 3Page - National Semiconductor (TI) LM101A Datasheet HTML 4Page - National Semiconductor (TI) LM101A Datasheet HTML 5Page - National Semiconductor (TI) LM101A Datasheet HTML 6Page - National Semiconductor (TI) LM101A Datasheet HTML 7Page - National Semiconductor (TI) LM101A Datasheet HTML 8Page - National Semiconductor (TI) LM101A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MICROCIRCUIT DATA SHEET
MRLM101A-X-RH REV 1B2
(Absolute Maximum Ratings)
(Note 1)
Supply Voltage
+22V
Differential Input Voltage
+30V
Input Voltage
(Note 3)
+15V
Ouput Short Circuit Duration
(Note 2)
Continuous
Operating Ambient Temp. Range
-55 C < Ta < +125 C
Maximum Junction Temperature
150 C
Power Dissipation at TA = 25 C
(Note 2)
750mW
H-Pkg (Still Air)
1200mW
H-Pkg (500LF/Min Air Flow)
1000mW
J-Pkg (Still Air)
1500MW
J-Pkg (500LF/Min Air Flow)
Thermal Resistance
ThetaJA
165 C/W
H-Pkg (Still Air)
89 C/W
H-Pkg (500LF/Min Air Flow)
128 C/W
J-Pkg (Still Air)
75 C/W
J-Pkg (500LF/Min Air Flow)
ThetaJC
39 C/W
H-Pkg
26 C/W
J-Pkg
Storage Temperature Range
-65 C <Ta< +150 C
Lead Temperature
300 C
(Soldering, 10 seconds)
ESD Tolerance
(Note 4)
3500V
Note 1:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Operating Ratings indicate conditions for which the device is intended to be
functional, but do not guarantee specific performance limits. For guaranteed
specifications and test conditions, see the Electrical Characteristics. The
guaranteed specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2:
The maximum power dissipation must be derated at elevated temperatures and is
dictated by Tjmax (maximum junction temperature), ThetaJA (package junction to
ambient thermal resistance), and TA (ambient temperature). The maximum allowable
power dissipation at any temperature is Pdmax = (Tjmax - TA)/ThetaJA or the number
given in the Absolute Maximum Ratings, whichever is lower.
Note 3:
For supply voltages less than +15V, the absolute maximum input voltage is equal to
the supply voltage.
Note 4:
Human body model, 100 pF discharged through 1.5k Ohms.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com