Electronic Components Datasheet Search
  English  ▼

X  

LM101A Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM101A
Description  SINGLE OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM101A Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM101A Datasheet HTML 1Page - National Semiconductor (TI) LM101A Datasheet HTML 2Page - National Semiconductor (TI) LM101A Datasheet HTML 3Page - National Semiconductor (TI) LM101A Datasheet HTML 4Page - National Semiconductor (TI) LM101A Datasheet HTML 5Page - National Semiconductor (TI) LM101A Datasheet HTML 6Page - National Semiconductor (TI) LM101A Datasheet HTML 7Page - National Semiconductor (TI) LM101A Datasheet HTML 8Page - National Semiconductor (TI) LM101A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MRLM101A-X-RH REV 1B2
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS: See NOTE 3
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
+Vcc = +20V, Vcm = 0V, Rs = 50 ohms
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vio
Input Offset
Voltage
+Vcc = 35V, -Vcc = -5V, Vcm = -15V
-2
+2
mV
1
-3
+3
mV
2, 3
+Vcc = 5V, -Vcc = -35V, Vcm = +15V
-2
+2
mV
1
-3
+3
mV
2, 3
Vcm = 0V
-2
+2
mV
1
-3
+3
mV
2, 3
+Vcc = 5V, -Vcc = -5V, Vcm = 0V
-2
+2
mV
1
-3
+3
mV
2, 3
Iio
Input Offset
Current
+Vcc = 35V, -Vcc = -5V, Vcm = -15V,
Rs = 100K Ohms
-10
+10
nA
1, 2
-20
+20
nA
3
+Vcc = 5V, -Vcc = -35V, Vcm = +15V,
Rs = 100K Ohms
-10
+10
nA
1, 2
-20
+20
nA
3
Vcm = 0V, Rs = 100K Ohms
-10
+10
nA
1, 2
-20
+20
nA
3
+Vcc = 5V, -Vcc = -5V, Vcm = 0V,
Rs = 100K Ohms
-10
+10
nA
1, 2
-20
+20
nA
3
Iib+
Input Bias
Current
+Vcc = 35V, -Vcc = -5V, Vcm = -15V,
Rs = 100K Ohms
-0.1
75
nA
1, 2
-0.1
100
nA
3
+Vcc = 5V, -Vcc = -35V, Vcm = +15V,
Rs = 100K Ohms
-0.1
75
nA
1, 2
-0.1
100
nA
3
Vcm = 0V, Rs = 100K Ohms
-0.1
75
nA
1, 2
-0.1
100
nA
3
+Vcc = 5V, -Vcc = -5V, Vcm = 0V,
Rs = 100K Ohms
-0.1
75
nA
1, 2
-0.1
100
nA
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com