Electronic Components Datasheet Search
  English  ▼

X  

NJM2821 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2821
Description  ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2821 Datasheet(HTML) 3 Page - New Japan Radio

  NJM2821 Datasheet HTML 1Page - New Japan Radio NJM2821 Datasheet HTML 2Page - New Japan Radio NJM2821 Datasheet HTML 3Page - New Japan Radio NJM2821 Datasheet HTML 4Page - New Japan Radio NJM2821 Datasheet HTML 5Page - New Japan Radio NJM2821 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NJM2820, NJM2821, NJM2822
- 3 -
■TEST CIRCUIT
Fig.1 VKA=VREF to test circuit
Fig.2 VKA>VREF to test circuit
VO=VKA=VREF
1
R
I
2
R
1
R
1
V
V
V
REF
REF
KA
O
×
+
 +
=
=
Fig.3 IOFF to test circuit
Fig.4 Gain and Phase to test circuit
■POWER DISSIPATION VS. AMBIENT TEMPERATURE
0
50
100
150
200
250
0
255075
100
Ambient Temperature Ta (°C)
INPUT
VKA
IK
VREF
IK=1mA
10kΩ
10kΩ
470uF
INPUT
VKA
IK
VREF
IREF
R1
R2
INPUT
VKA
IOFF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com