Electronic Components Datasheet Search
  English  ▼

X  

NJM2821 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2821
Description  ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2821 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2821 Datasheet HTML 1Page - New Japan Radio NJM2821 Datasheet HTML 2Page - New Japan Radio NJM2821 Datasheet HTML 3Page - New Japan Radio NJM2821 Datasheet HTML 4Page - New Japan Radio NJM2821 Datasheet HTML 5Page - New Japan Radio NJM2821 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NJM2820, NJM2821, NJM2822
- 5 -
■TYPICAL CHARACTERISTICS
Sefty Operating Boundary Condition
(VKA=VREF,Ta=25°C)
0
50
100
150
200
250
0.001
0.01
0.1
1
10
Output Capacetance Co (uF)
Stable Operaion Region
Aunstable Operaion Region
Reference Input Current vs. Temperature
(IK=1mA,R1=10kΩ,R2= )
1.5
2
2.5
3
-50 -25
0
25 50 75 100 125 150
Ambient Temperature Ta (°C)
Reference Voltage vs. Temperature
(IK=1mA,VKA=VREF)
1240
1245
1250
1255
1260
-50 -25
0
25
50 75 100 125 150
Ambient Temperature Ta (°C)
Cathode Current (Off Cond.) vs. Temperature
(VKA=13V,VREF=0V)
0
0.2
0.4
0.6
0.8
1
-50 -25
0
25 50
75 100 125 150
Ambient emperature Ta (°C)
Output Noise Voltage vs. Temperature
(IK=1mA,VKA=VREF)
0
20
40
60
80
100
120
140
-50 -25
0
25 50 75 100 125 150
Ambient Temperature Ta (°C)
Note) Oscillation might occur while operating within
the range of safety curve.
So that, it is necessary to make ample
margins by taking considerations of fluctuation
of the device.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com