Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 147 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 147 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 143Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 144Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 145Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 146Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 147Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 148Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 149Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 150Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 151Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 256 page
background image
Am79C978A
147
8
FDLSE
Full-Duplex Link Status En-
able. Indicates the Full-Duplex
Link Test Status. When this bit
is set, a value of 1 is passed to
the LEDOUT signal when the
Am79C978A controller is func-
tioning in a Link Pass state and
full-duplex
operation
is
en-
abled. When the Am79C978A
controller is not functioning in
a Link Pass state with full-du-
plex operation being enabled,
a value of 0 is passed to the
LEDOUT signal.
This bit is always read/write ac-
cessible. FDLSE is cleared by
H_RESET and is not affected by
S_RESET or setting the STOP bit.
7
PSE
Pulse Stretcher Enable. When
this bit is set, the LED illumination
time is extended for each new oc-
currence of the enabled function
for this LED output. A value of 0
disables the pulse stretcher.
This bit is always read/write ac-
cessible. PSE is set to 1 by
H_RESET and is not affected
by S_RESET or setting the
STOP bit.
6
LNKSE
Link Status Enable. When this bit
is set, a value of 1 will be passed
to the LEDOUT bit in this register
when in Link Pass state.
This bit is always read/write ac-
cessible. LNKSE is set to 1 by
H_RESET and is not affected
by S_RESET or setting the
STOP bit.
5
RCVME
Receive Match Status Enable.
When this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive ac-
tivity on the network that has
passed the address match func-
tion for this node. All address
matching modes are included:
physical, logical filtering, broad-
cast, and promiscuous.
This bit is always read/write ac-
cessible. RCVME is cleared by
H_RESET and is not affected
by S_RESET or setting the
STOP bit.
4
XMTE
Transmit Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is transmit
activity on the network.
This bit is always read/write ac-
cessible. XMTE is cleared by
H_RESET and is not affected
by S_RESET or setting the
STOP bit.
3
POWER
Power. When this bit is set to 1,
the device is operating in HIGH
power mode.
2
RCVE
Receive Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive ac-
tivity on the network.
This bit is always read/write ac-
cessible. RCVE is cleared by
H_RESET and is not affected
by S_RESET or setting the
STOP bit.
1
SPEED
Speed. When this bit is set to 1,
the device is operating in HIGH
speed mode.
0
COLE
Collision Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is collision
activity on the network.
This bit is always read/write ac-
cessible. COLE is cleared by
H_RESET and is not affected
by S_RESET or setting the
STOP bit.
BCR5: LED1 Status
BCR5 controls the function(s) that the LED1 pin dis-
plays. Multiple functions can be simultaneously en-
abled on this LED pin. The LED display will indicate the
logical OR of the enabled functions. BCR5 defaults to
Receive Status (RCV) with pulse stretcher enabled
(PSE = 1) and is fully programmable.
Note: When LEDPE (BCR2, bit 12) is set to 1, pro-
gramming of the LED1 Status register is enabled.
When LEDPE is cleared to 0, programming of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com