Electronic Components Datasheet Search
  English  ▼

X  

ADA4558 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4558
Description  Bridge Sensor Signal Conditioner IC with LIN Interface, Nonlinearity Correction, Temperature Compensation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4558 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4558 Datasheet HTML 3Page - Analog Devices ADA4558 Datasheet HTML 4Page - Analog Devices ADA4558 Datasheet HTML 5Page - Analog Devices ADA4558 Datasheet HTML 6Page - Analog Devices ADA4558 Datasheet HTML 7Page - Analog Devices ADA4558 Datasheet HTML 8Page - Analog Devices ADA4558 Datasheet HTML 9Page - Analog Devices ADA4558 Datasheet HTML 10Page - Analog Devices ADA4558 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADA4558
Rev. 0 | Page 7 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
14
13
12
1
3
4
TNEG
15 ISINK
TPOS
RREFN
11 VREG
DVDD
TESTD
2
DGND
SWDIO
5
SWCLK
NOTES
1. NIC = NOT INTERNALLY CONNECTED. THIS PIN IS NOT INTERNALLY CONNECTED.
CONNECT NIC TO THE GROUND PLANE.
2. CONNECT THE EXPOSED PAD OF THE LFCSP PACKAGE TO THE ANALOG GROUND PLANE.
ENSURE THAT AGND IS CONNECTED TO DGND AND LINGND AT A SINGLE POINT ON THE PCB.
ADA4558
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DVDD
1.8 V Low Dropout (LDO) Digital Supply. Add a 0.1 μF capacitor placed as close to Pin 1 as possible between DVDD
and the DGND plane.
2
DGND
Digital Ground.
3
TESTD
Test Pin. Analog Devices, Inc., uses this pin at the production test. Connect TESTD to the DGND plane in the application.
4
SWDIO
Test Pin. Analog Devices uses this pin at the production test. Connect SWDIO to the DGND plane in the application.
5
SWCLK
Test Pin. Analog Devices uses this pin at the production test. Connect SWCLK to the DGND plane in the application.
6
NIC
Not Internally Connected. This pin is not internally connected. Connect NIC to the ground plane.
7
VNEG
Negative Input. Pin 7 is the negative input to the PGA from the external resistive bridge.
8
TEST1
Test Pin. Analog Devices uses this pin at the production test. Connect TEST1 to the AGND plane in the application.
9
VPOS
Positive Input. Pin 9 is the positive input to the PGA from an external resistive bridge.
10
TEST2
Test Pin. Analog Devices uses this pin at the production test. Connect TEST2 to the AGND plane in the application.
11
VREG
Regulated 4.0 V Output. Pin 11 drives the top of the external bridge. Add a 0.1 μF capacitor between VREG and the
AGND plane, placed as close to the VREG pin as possible.
12
RREFN
Reference Resistor. Pin 12 is the reference resistor for the external temperature sensor sense connection. Connect
Pin 12 to ground when there is no external temperature sensor.
13
TPOS
External Temperature Positive Input. Connect Pin 13 to ground when there is no external temperature sensor.
14
TNEG
External Temperature Sensor Negative Input. Connect Pin 14 to ground when there is no external temperature sensor.
15
ISINK
Current Sink. Pin 15 drives the external temperature sensor. Connect Pin 15 to ground when there is no external
temperature sensor.
16
AGND
Analog Ground.
17
VDD12
Supply. Connect the 12 V battery supply to this pin. Decouple VDD12 with a 1 µF capacitor. A 100 nF capacitor can
be used only when a 1 µF capacitor to ground is placed on the anode of the diode on the module battery supply.
18
LIN2
Not in Use. The LIN2 function is not in use. Connect LIN2 to the LIN pin.
19
LIN
LIN Compliant Interface. All communication to and from the IC is via the LIN pin. Connect a LIN capacitor to ground
on this pin, per the LIN specification.
20
LINGND
Local LIN Ground.
EPAD
Exposed Pad. Connect the exposed pad of the LFCSP to the analog ground plane. Ensure that AGND is connected
to DGND and LINGND at a single point on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com