Electronic Components Datasheet Search
  English  ▼

X  

ADA4558 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4558
Description  Bridge Sensor Signal Conditioner IC with LIN Interface, Nonlinearity Correction, Temperature Compensation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4558 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4558 Datasheet HTML 4Page - Analog Devices ADA4558 Datasheet HTML 5Page - Analog Devices ADA4558 Datasheet HTML 6Page - Analog Devices ADA4558 Datasheet HTML 7Page - Analog Devices ADA4558 Datasheet HTML 8Page - Analog Devices ADA4558 Datasheet HTML 9Page - Analog Devices ADA4558 Datasheet HTML 10Page - Analog Devices ADA4558 Datasheet HTML 11Page - Analog Devices ADA4558 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADA4558
Rev. 0 | Page 9 of 12
THEORY OF OPERATION
The ADA4558 interfaces to a range of Wheatstone resistive
bridge sensors. Figure 1 shows the block diagram of the
ADA4558. The differential signal from the bridge output is
applied to the analog front end (AFE) and then to the infinite
impulse response (IIR) filter. A correction algorithm is applied
in the processor to compensate for sensor nonlinearity and
temperature dependency.
The ADA4558 power section includes the 4 V regulator output
at the VREG pin, which drives the bridge and the external
temperature sensor. The VREG pin also supplies the reference
to the ADC to create a fully ratiometric measurement system.
The AFE consists of an input EMI filter, inverting input switch,
PGA, low-pass filter, mux switch, and 14-bit successive
approximation register (SAR) ADC.
The differential signal from the bridge sensor is applied to the
PGA, which amplifies the input differential signal and applies
sensor offset voltage adjustment.
The internal mux selects the signal from the PGA, internal
temperature sensor, external local temperature (optional), and
other miscellaneous signals, and applies them to the 14-bit on-
chip SAR ADC, which in turn converts the analog inputs into
the digital domain for further processing.
Next, the digital signal is applied to the IIR filter to filter out any
unwanted noise signals, after which time the filtered signal is
applied to the processor.
The ADA4558 and bridge sensor are calibrated over its signal
and temperature range by the customer via the ADA4558 LIN
interface. Correction coefficients are calculated and stored in
EEPROM. During normal operation, these correction coefficients
are applied to the correction algorithm.
The ADA4558 uses a LIN interface to provide linearized bridge
sensor data in customizable frame formats. The ADA4558 also
provides temperature and extensive diagnostics and status
information. LIN 2.1, LIN 2.0, and LIN 1.3 modes are supported.
For more information and register details for the ADA4558, see
the ADA4558 Hardware Reference Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com