Electronic Components Datasheet Search
  English  ▼

X  

ACE7125Y Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7125Y
Description  High Efficiency 1MHz, 2.1A Step Up Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7125Y Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7125Y Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7125Y Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7125Y Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE7125Y
High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
2
Recommended Work Conditions
Parameter
Rating
Unit
IN,LX
2.3 to 25
V
All other pins
0 to 5.5
V
Junction Temperature Range
-40 to 125
°C
Ambient Temperature Range
-40 to 85
°C
The Recommended Operating Conditions table defines the conditions for actual device operatio n. Recommended
Operating conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not
Recommend exceeding them or designing to Absolute Maximum Ratings.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com