Electronic Components Datasheet Search
  English  ▼

X  

ACE7125Y Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7125Y
Description  High Efficiency 1MHz, 2.1A Step Up Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7125Y Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7125Y Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7125Y Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7125Y Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE7125Y
High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
1
Description
ACE7125Y is a fixed frequency peak current mode asynchronous boost converter. Requires an
external Schottky diode. ACE7125Y works in light load mode when the load is light, and its quiescent
current is about 100µA. The 150mΩ RDS(ON) of the integrated NMOS ensures the high efficiency in all load
conditions. Input voltage range is 2.3V~25V. Internal operating frequency is set to 1.0MHz.
Features
⚫
Wide input range:
⚫
2.3-25V bias input, 25V Vout max
⚫
1MHz switching frequency
⚫
Minimum on time: 100ns typical
⚫
Minimum off time: 100ns typical
⚫
Low RDS(ON): 0.15Ω
⚫
RoHS Compliant and Halogen Free
⚫
Accurate Reference: 0.6VREF
⚫
Compact package: SOT23-6
Application
⚫
WLED Drivers
⚫
Networking cards powered from PCI or PCI-express slots
⚫
Large LCD display
backlight driving up to 90 LEDs
⚫
Satellite STB
⚫
Other application which needs high voltage and high current generation
⚫
Portable power bank
Absolute Maximum Ratings
Parameter
Rating
Unit
IN, EN
26
V
LX
26
V
All other pins
6
V
Power Dissipation, PD
0.4
W
Package Thermal Resistance
θJA
250
°C/W
θJC
130
Junction Temperature Range
150
°C
Lead Temperature
260
°C
Storage Temperature Range
-65 to 150
°C
ESD
HBM
2
kV
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other condition beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.


Similar Part No. - ACE7125Y

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE712E ACE-ACE712E Datasheet
432Kb / 8P
5V - 2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
VER 1.1
More results

Similar Description - ACE7125Y

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
E-CMOS Corporation
EC9208 E-CMOS-EC9208 Datasheet
653Kb / 11P
High Efficiency 1MHz, 2A, Step up Regulator
EC4513 E-CMOS-EC4513 Datasheet
1,017Kb / 15P
High Efficiency 1MHz, Step up Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD8208 TECHCODE-TD8208 Datasheet
1Mb / 13P
High Efficiency 1MHz, 2A Step Up Regulator
TD8213 TECHCODE-TD8213 Datasheet
838Kb / 16P
High Efficiency 1.2MHz Step Up Regulator
TD8228 TECHCODE-TD8228 Datasheet
822Kb / 13P
High Efficiency 1MHz, 2A Step Up Regulator
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
High Efficiency 1MHz 3A Synchronous Step Down Regulator
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
logo
First Silicon Co., Ltd
FTD8228 FS-FTD8228 Datasheet
1Mb / 12P
High Efficiency 1MHz, 2A Step Up Regulator
logo
Silergy Corp.
SY7208 SILERGY-SY7208 Datasheet
166Kb / 4P
High Efficiency 1MHz, 2A Step Up Regulator
Rev. 0.6
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com