Electronic Components Datasheet Search
  English  ▼

X  

ICS840-77 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS840-77
Description  77.76MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840-77 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS840-77 Datasheet HTML 1Page - Integrated Circuit Systems ICS840-77 Datasheet HTML 2Page - Integrated Circuit Systems ICS840-77 Datasheet HTML 3Page - Integrated Circuit Systems ICS840-77 Datasheet HTML 4Page - Integrated Circuit Systems ICS840-77 Datasheet HTML 5Page - Integrated Circuit Systems ICS840-77 Datasheet HTML 6Page - Integrated Circuit Systems ICS840-77 Datasheet HTML 7Page - Integrated Circuit Systems ICS840-77 Datasheet HTML 8Page - Integrated Circuit Systems ICS840-77 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
840AG-77
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 7, 2005
4
Integrated
Circuit
Systems, Inc.
ICS840-77
77.76MHZ, LVCMOS/LVTTL
OSCILLATOR REPLACEMENT
PRELIMINARY
TABLE 6. AC CHARACTERISTICS, V
DD = VDDO = 3.3V±0.3V, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
6
7
.
7
7z
H
M
t
J
D
1
E
T
O
N
;
r
e
t
t
i
J
c
i
t
s
i
n
i
m
r
e
t
e
D
5
0
2
.
0s
p
t
J
R
1
E
T
O
N
;
r
e
t
t
i
J
m
o
d
n
a
R
2
8
.
2s
p
t
S
M
R
(
n
o
i
t
u
b
i
r
t
s
i
D
l
a
t
o
T
f
o
S
M
R
σ ;)
1
E
T
O
N
5
8
.
2s
p
t
p
-
p
1
E
T
O
N
;
r
e
t
t
i
J
k
a
e
P
-
o
t
-
k
a
e
P
8
1
.
2s
p
t
c
c
a
(
r
e
t
t
i
J
d
e
t
a
l
u
m
u
c
c
A
σ ;)
1
E
T
O
N
s
e
l
c
y
c
0
0
0
0
5
o
t
2
=
n0
.
4s
p
t
C
S
O
e
m
i
T
p
U
t
r
a
t
S
n
o
i
t
a
ll
i
c
s
O
e
g
a
t
l
o
v
g
n
i
t
a
r
e
p
o
m
u
m
i
n
i
m
t
a
e
m
i
T
s
0
e
b
o
t
0
1s
m
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
5
6s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
0
5%
.
0
0
0
3
-
A
I
S
t
s
e
r
c
e
v
a
W
g
n
i
s
u
d
e
r
u
s
a
e
M
:
1
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com