Electronic Components Datasheet Search
  English  ▼

X  

ICS840-77 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS840-77
Description  77.76MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840-77 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS840-77 Datasheet HTML 1Page - Integrated Circuit Systems ICS840-77 Datasheet HTML 2Page - Integrated Circuit Systems ICS840-77 Datasheet HTML 3Page - Integrated Circuit Systems ICS840-77 Datasheet HTML 4Page - Integrated Circuit Systems ICS840-77 Datasheet HTML 5Page - Integrated Circuit Systems ICS840-77 Datasheet HTML 6Page - Integrated Circuit Systems ICS840-77 Datasheet HTML 7Page - Integrated Circuit Systems ICS840-77 Datasheet HTML 8Page - Integrated Circuit Systems ICS840-77 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
840AG-77
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 7, 2005
6
Integrated
Circuit
Systems, Inc.
ICS840-77
77.76MHZ, LVCMOS/LVTTL
OSCILLATOR REPLACEMENT
PRELIMINARY
APPLICATION INFORMATION
Figure 1. CRYSTAL INPUt INTERFACE
CRYSTAL INPUT INTERFACE
The ICS840-77 has been characterized with 18pF parallel
resonant crystals. The capacitor values, C1 and C2, shown in
Figure 1 below were determined using a 19.44MHz, 18pF paral-
lel resonant crystal and were chosen to minimize the ppm error.
The optimum C1 and C2 values can be slightly adjusted for
different board layouts.
X1
18pF Parallel Cry stal
C1
12p
XTAL_OUT
XTAL_IN
C2
12p
INPUTS:
CRYSTAL INPUT:
For applications not requiring the use of the crystal oscillator
input, both XTAL_IN and XTAL_OUT can be left floating. Though
not required, but for additional protection, a 1k
Ω resistor can be
tied from XTAL_IN to ground.
SELECT PINS:
All select pins have internal pull-ups and pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVCMOS OUTPUT:
All unused LVCMOS output can be left floating. We recommend
that there is no trace attached.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com