Electronic Components Datasheet Search
  English  ▼

X  

ICS527-03 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS527-03
Description  Clock Slicer User Configurable PECL Output Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS527-03 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS527-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS527-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS527-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS527-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS527-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS527-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS527-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS527-03 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Clock Slicer User Configurable PECL Output Zero Delay Buffer
MDS 527-03 B
3
Revision 122804
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
Prel iminar y Inf o r m ation
ICS527-03
External Components
Decoupling Capacitors
As with any high performance mixed-signal IC, the
ICS527-03 must be isolated from system power supply
noise to perform optimally.
Decoupling capacitors of 0.01µF must be connected
between each VDD and the PCB ground plane. They
must be connected close to the device to minimize lead
inductance.
Series Termination Resistor
Clock output traces over one inch should use series
termination. To series terminate a 50
Ω trace (a
commonly used trace impedance), place a 33
Ω resistor
in series with the clock line, as close to the clock output
pin as possible. The nominal impedance of the clock
output is 20
Ω.
Determining (setting) the ICS527-03
Dividers
The user has full control in setting the desired output
clock over the range shown in the table on page 2. The
user should connect the divider select input pins
directly to ground (or VDD, although this is not required
because of internal pull-ups) during Printed Circuit
Board layout, so the ICS527-03 automatically produces
the correct clock when all components are soldered. It
is also possible to connect the inputs to parallel I/O
ports in order to switch frequencies.
The output of the ICS527-03 can be determined by the
following simple equation:
Where:
Reference Divider Word (RDW) = 0 to 127
Feedback Divider Word (FDW) = 0 to 127
FB Frequency is the same as either CLK1 or
CLK2 depending on feedback connection
Also, the following operating ranges should be
observed:
The output divide should be selected depending on
the frequency of CLK1. The table on page 2 gives
the ranges.
The dividers are expressed as integers. For example, if
a 50 MHz output on CLK1 is desired from a 40 MHz
input, the reference divider word (RDW) should be 2
and the feedback divider word (FDW) should be 3
which gives the required 5/4 multiplication. If multiple
choices of dividers are available, then the lowest
numbers should be used. In this example, the output
divide (OD) should be selected to be 2. Then R6:R0 is
0000010, F6:F0 is 0000011 and S1:S0 is 00. Also, this
example assumes CLK1 is connected to FBIN.
If you need assistance determining the optimum divider
settings, please send an e-mail to ics-mk@icst.com
with the desired input clock and the desired output
frequency.
FB Frequency
Input Frequency
FDW
2
+
RDW
2
+
------------------------
×
=
300kHz
Input Frequency
RDW
2
+
-------------------------------------------
20 MHz
<<



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com