Electronic Components Datasheet Search
  English  ▼

X  

ACE7266N Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7266N
Description  High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7266N Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7266N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7266N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7266N Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE7266N
High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
2
Absolute Maximum Ratings (Note 1)
Parameter
Value
Supply Input Voltage
18V
Enable
Voltage
VIN+0.3V
FB Voltage
4V
Power
Dissipation, PD @ TA = 25°C
1W
Package Thermal Resistance (Note 2)
θJA
100°C /W
θJC
11.2°C /W
Junction
Temperature
Range
150°C
Lead Temperature (Soldering, 10 sec.)
260°C
Storage Temperature Range
-55°C to 150°C
Note 1: Stresses beyond the “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Note 2:
θ
JA is measured in the natural convection at TA = 25°C on a low effective 4 -layer thermal conductivity test
board of JEDEC 51-3 thermal measurement standard. Pin2 of TSOT23-
6 packages is the case position for θ JC
measurement.
Recommended Operating Conditions (Note 3)
Parameter
Value
Supply Input Voltage
4.5V to 18V
Junction Temperature Range
-40°C to 125°C
Ambient Temperature Range
-40°C to 85°C
Note 3: The device is not guaranteed to function outside its operating conditions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com