Electronic Components Datasheet Search
  English  ▼

X  

ACE7266N Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7266N
Description  High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7266N Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7266N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7266N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7266N Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE7266N
High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
1
Description
The ACE7266N is a fully integrated, high-efficiency 3A synchronous rectified step-down converter. The
ACE7266N operates at high efficiency over a wide output current load range.
This device offers two operation modes, PWM control and PFM Mode switching control, which allows a
high efficiency over the wider range of the load.
The ACE7266N requires a minimum number of readily available standard external components and is
available in a 6-pin TSOT23 ROHS compliant package.
Features
⚫
low RDS(ON) for internal switches (top/bottom): 80mΩ/40mΩ
⚫
4.5-18V input voltage range
⚫
3A output current capability
⚫
500 kHz switching frequency
⚫
Instant PWM architecture to achieve fast transient responses.
⚫
Cycle-by-cycle peak current limitation
⚫
Internal soft start limits the inrush current
⚫
±2% 0.6V reference
⚫
TSOT23-6 package
Application
⚫
Set Top Box
⚫
Portable TV
⚫
Access Point Router
⚫
DSL Modem
⚫
LCD TV


Similar Part No. - ACE7266N

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7260T ACE-ACE7260T Datasheet
159Kb / 3P
1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
ACE7263C ACE-ACE7263C Datasheet
1Mb / 10P
27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
ACE7263CIMH ACE-ACE7263CIMH Datasheet
1Mb / 10P
27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
ACE7268N ACE-ACE7268N Datasheet
192Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.1
ACE726C ACE-ACE726C Datasheet
561Kb / 11P
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE7266N

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2224 MPS-MP2224 Datasheet
1Mb / 19P
High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1470 HMSEMI-HM1470 Datasheet
1Mb / 7P
18V 2A 500KHz Synchronous Step-Down Regulator
HM1482E HMSEMI-HM1482E Datasheet
1Mb / 7P
18V 2.5A 500KHz Synchronous Step-Down Regulator
HM1484E HMSEMI-HM1484E Datasheet
1Mb / 7P
18V 3A 500KHz Synchronous Step-Down Regulator
HM8113 HMSEMI-HM8113 Datasheet
1Mb / 7P
18V 3A 500KHz Synchronous Step-Down Regulator
HM1470A HMSEMI-HM1470A Datasheet
2Mb / 13P
18V, 3A, 500KHz Synchronous Step-Down
logo
ACE Technology Co., LTD...
ACE7238N ACE-ACE7238N Datasheet
199Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.2
ACE7268N ACE-ACE7268N Datasheet
192Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.1
ACE7377N ACE-ACE7377N Datasheet
194Kb / 3P
High Efficiency, 3A, 23V, 500kHz Synchronous Step Down Regulator
VER 1.3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com