Electronic Components Datasheet Search
  English  ▼

X  

MAX11040 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11040
Description  12-Bit, 2-/4-Channel, SAR ADC Support (MAX11612)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11040 Datasheet HTML 1Page - Maxim Integrated Products MAX11040 Datasheet HTML 2Page - Maxim Integrated Products MAX11040 Datasheet HTML 3Page - Maxim Integrated Products MAX11040 Datasheet HTML 4Page - Maxim Integrated Products MAX11040 Datasheet HTML 5Page - Maxim Integrated Products MAX11040 Datasheet HTML 6Page - Maxim Integrated Products MAX11040 Datasheet HTML 7Page - Maxim Integrated Products MAX11040 Datasheet HTML 8Page - Maxim Integrated Products MAX11040 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MAXSPCSPARTAN6+ Evaluation Kit
2_ _ _______________________________________________________________________________________
Quick Start
The MAXSPCSPARTAN6+ board can be plugged in to
any Spartan 6 series FPGA evaluation board. A two-step
configuration is needed to use this card with the FPGA
evaluation board:
1)
Place a shunt on pins 2-3 of header J7
(i.e., +3V3FMC to +3V3).
2)
Place a shunt on pins 2-3 of header J6
(i.e., +5VREG to +5V).
Now connect the MAXSPCSPARTAN6+ board to the
FPGA EV kit. On power-up, LEDs D3, D4, and D5 should
glow, indicating a power-up state.
Detailed Description of Hardware
The MAXSPCSPARTAN6+ board is loaded with Maxim’s
ADCs and DACs and makes it very easy to integrate the
FPGA with any analog interface.
Communication with the MAX11612
The MAX11612 is a 12-bit, 2-/4-channel, I2C-compatible
ADC. The FPGA can drive commands for data
acquisition from the MAX11612 on the I2C slave address
0110100. The MAX11612 can work with the internal
reference of 4.096V or the external reference connected
at the AD3 port of J2. If internal reference is used; all
4 channels can be sampled from AD0–AD3. For more
information, refer to the MAX11612 IC data sheet.
Communication with the MAX11040
The MAX11040 is a 24-bit, 4-channel, SPI-compatible,
sigma-delta ADC with programmable output data rate.
It has an internal reference of 2.5V with Q2.2V input
range. Input ports are marked as AD0-/AD0+ to AD3-/
AD3+ on J3. External reference can also be applied. The
MAX11040 does simultaneous sampling and data for all
4 channels and can be acquired in one read.
This ADC has four standard connections for SPI
communication. It also has an extra signal (DRDYOUT)
that interrupts the FPGA at every end-of-conversion
to sample the data. For more information, refer to the
MAX11040 IC data sheet.
Communication with the MAX5135
The MAX5135 is a 12-bit, 4-channel, voltage output,
SPI-compatible DAC. The MAXSPCSPARTAN6+ board
contains two MAX5135 ICs in a cascaded configura-
tion. The DAC channels are marked as DA0–DA3 on J2
and DA4–DA7 on J3. For more information, refer to the
MAX5135 IC data sheet.
Table_1._MAXSPCSPARTAN6+_Connector_
J2_Description
J2_PIN_NO.
LABEL
FUNCTION
1
+5V
+5V, 250mA supply for external
circuit
2
N.C.
Not connected
3
GND
Ground
4
DA0
DAC output from channel 0 of U6
(MAX5135)
5
GND
Ground
6
DA1
DAC output from channel 1 of U6
(MAX5135)
7
GND
Ground
8
DA2
DAC output from channel 2 of U6
(MAX5135)
9
GND
Ground
10
DA3
DAC output from channel 3 of U6
(MAX5135)
11
AD1
ADC input to channel 1 of U2
(MAX11612)
12
AD0
ADC input to channel 0 of U2
(MAX11612)
13
GND
Ground
14
I/O
Digital input/output connected to
FMC connector at C18
15
AD3
ADC input to channel 3 of U2
(MAX11612)
16
AD2
ADC input to channel 2 of U2
(MAX11612)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com