Electronic Components Datasheet Search
  English  ▼

X  

MAX11040 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11040
Description  12-Bit, 2-/4-Channel, SAR ADC Support (MAX11612)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11040 Datasheet HTML 1Page - Maxim Integrated Products MAX11040 Datasheet HTML 2Page - Maxim Integrated Products MAX11040 Datasheet HTML 3Page - Maxim Integrated Products MAX11040 Datasheet HTML 4Page - Maxim Integrated Products MAX11040 Datasheet HTML 5Page - Maxim Integrated Products MAX11040 Datasheet HTML 6Page - Maxim Integrated Products MAX11040 Datasheet HTML 7Page - Maxim Integrated Products MAX11040 Datasheet HTML 8Page - Maxim Integrated Products MAX11040 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MAXSPCSPARTAN6+ Evaluation Kit
________________________________________________________________________________________ _ 3
Table_2._MAXSPCSPARTAN6+_Connector_
J3_Description
Table_3._MAXSPCSPARTAN6+_Connector_
J4_Description
*Connected with J4 for probing only.
J3_PIN_NO.
LABEL
FUNCTION
1
+5V
+5V, 250mA supply for external
circuit
2
N.C.
Not connected
3
AD3-
ADC negative input to channel
3 of U3 (MAX11040)
4
AD3+
ADC positive input to channel 3
of U3 (MAX11040)
5
AD2-
ADC negative input to channel
2 of U3 (MAX11040)
6
AD2+
ADC positive input to channel 2
of U3 (MAX11040)
7
AD1-
ADC negative input to channel
1 of U3 (MAX11040)
8
AD1+
ADC positive input to channel 1
of U3 (MAX11040)
9
AD0-
ADC negative input to channel
0 of U3 (MAX11040)
10
AD0+
ADC positive input to channel 0
of U3 (MAX11040)
11
DA5
DAC output from channel 1 of
U7 (MAX5135)
12
DA4
DAC output from channel 0 of
U7 (MAX5135)
13
GND
Ground
14
N.C.
Not connected
15
DA7
DAC output from channel 2 of
U7 (MAX5135)
16
DA6
DAC output from channel 2 of
U7 (MAX5135)
_J4_PIN_NO.
LABEL
FUNCTION
1
GND
Ground
2
N.C.
Not connected
3
DRDY
DRDYOUT of MAX11040 going
to the FMC connector at C26*
4
N.C.
Not connected
5
GPIO
Digital I/O going to the FMC
connector at C18 from J2*
6
N.C.
Not connected
7
MOSI
SPI: MOSI connected to the
FMC connector at C14 from
the DAC (MAX5135) and ADC
(MAX11040)*
8
N.C.
Not connected
9
CS_AD
ADC (MAX11040) CS
connected to the FMC
connector at C11*
10
CS_DAC
DAC (MAX5135) CS connected
to the FMC connector at C22*
11
SCLK
SPI: SCLK connected to the
FMC connector at C10 and
going to the DAC (MAX5135)
and ADC (MAX1100)*
12
N.C.
Not connected
13
MISO
SPI: MISO connected to the
FMC connector at C15 and
going to the DAC (MAX5135)
and ADC (MAX1100)*
14
SCL
I2C: SCL connected to the FMC
connector at C30 and going to
the ADC (MAX11612)*
15
+3V3USB Not connected
16
SDA
I2C: SDA connected to the FMC
connector at C31 and going to
the ADC (MAX11612)*



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com