Electronic Components Datasheet Search
  English  ▼

X  

ICS556-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS556-01
Description  BROADCOM 25 MHZ LVDS CLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS556-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS556-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS556-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS556-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS556-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS556-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS556-01 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MDS 556-01 B
2
Revision 020204
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
Broadcom 25 MHz LVDS Clock
ICS556-01
Pin Assignment
Pin Descriptions
External Component Selection
The ICS556-01 requires a minimum number of external
components for proper operation. A 100
Ω termination
resistor between CLK and CLK is provided on-chip.
Decoupling Capacitors
A decoupling capacitor of 0.01
µF should be connected
between VDD and GND on pins 2 and 3 as close to the
ICS556-01 as possible. For optimum device
performance, the decoupling capacitor should be
mounted on the component side of the PCB. Avoid the
use of vias in the decoupling circuit.
LVDS Driver Termination
A general LVDS interface is shown in Figure 2. In a 100
differential transmission line environment, LVDS drivers
require a matched load termination of 100 across near
the receiver input. For a multiple LVDS outputs buffer, if
only partial outputs are used, it is recommended to
terminate the un-used outputs.
X2
X1
VDD
GND
CLK
1
2
3
4
8
7
6
5
I C S 556- 01
8 P i n ( 1 73m i l ) T S S O P or SO I C
CLK
GND
OE
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1
Input
Crystal connection.
2
VDD
Power
Power supply. Connect to 2.5 V.
3
GND
Power
Connect to ground.
4
GND
Power
Connect to ground.
5CLK
Output
Inverting differential clock output.
6
CLK
Power
Differential clock output.
7
OE
Input
Output Enable. Internal pull-up resistor.
8
X2
Input
Crystal connection.
F I G URE 2 . T Y P I CA L LVDS
DRIVE R TE RMINATIO N
R1
100 ohm
+
-
2.5V
2.5V
100 Ohm Differential Transmission Line
LVDS_Driver



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com