Electronic Components Datasheet Search
  English  ▼

X  

ICS556-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS556-01
Description  BROADCOM 25 MHZ LVDS CLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS556-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS556-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS556-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS556-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS556-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS556-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS556-01 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MDS 556-01 B
1
Revision 020204
Integrat ed Circuit Systems ● 525 Race Stre et, San Jo se, CA 9 5126 ● te l (40 8 ) 2 97-12 01 ● www.ics t.co m
BROADCOM 25 MHZ LVDS CLOCK
ICS556-01
Description
The ICS556-01 is a clock oscillator with LVDS outputs.
Using a standard 25 MHz crystal, the device outputs a
.25 mHz (reference) differential output clock. The
operation voltage is 2.5 V to support today’s popular
interfaces. The termination resistor is off-chip.
Features
• Packaged in 8-pin TSSOP
• Requires no external components
• Low Phase Jitter: <1 ps from 10 kHz to 10 MHz
• Differential LVDS outputs
• Operating voltage of 2.5 V.
• Advanced, low power, sub-micron CMOS process
Block Diagram
X1
X2
Crystal
Oscillator
25 MHz Crystal
GND
VDD
CLK
CLK
2
OE
100


Similar Part No. - ICS556-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS556-03 ICST-ICS556-03 Datasheet
163Kb / 8P
QUAD LVDS OSCILLATOR/BUFFER
Revision 030204
ICS556-03I ICST-ICS556-03I Datasheet
163Kb / 8P
QUAD LVDS OSCILLATOR/BUFFER
Revision 030204
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
051310
More results

Similar Description - ICS556-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
Broadcom Clock Source
Revision 042600
ICS650-11B ICST-ICS650-11B Datasheet
70Kb / 4P
BroadCom Networking Clock Synthesizer
Revision 012005
logo
Motorola, Inc
MPC9259 MOTOROLA-MPC9259 Datasheet
300Kb / 12P
900 MHz LOW VOLTAGE LVDS CLOCK SYNTHESIZER
logo
Cypress Semiconductor
CY26187-2 CYPRESS-CY26187-2 Datasheet
184Kb / 6P
Broadcom Reference Design Clock Generator
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
100 MHz LVDS Clock Generator
CY2XL11 CYPRESS-CY2XL11 Datasheet
330Kb / 7P
100 MHz LVDS Clock Generator
CY2XL11 CYPRESS-CY2XL11_11 Datasheet
287Kb / 9P
100 MHz LVDS Clock Generator Output frequency: 100 MHz
CY24942 CYPRESS-CY24942 Datasheet
736Kb / 19P
25 MHz Crystal or Clock Input
logo
TXC Corporation.
DE-SERIES TXC-DE-SERIES Datasheet
941Kb / 1P
LVDS output, output frequencies 25 MHz to 200 MHz.
DF-SERIES TXC-DF-SERIES Datasheet
932Kb / 1P
LVDS output, output frequencies 25 MHz to 200 MHz.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com