Electronic Components Datasheet Search
  English  ▼

X  

ICS556-03 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS556-03
Description  QUAD LVDS OSCILLATOR/BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS556-03 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS556-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MDS 556-03 B
5
Revision 030204
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
Quad LVDS Oscillator/Buffer
ICS556-03
DC Electrical Characteristics
VDD=2.5 V ±5% , Ambient temperature 0 to +70
°C, unless stated otherwise
Note 1: Outputs terminated with 50
Ω to VDD/2
AC Electrical Characteristics
VDD = 2.5 V ±5%, Ambient Temperature 0 to +70
° C, CL=5 pF, unless stated otherwise
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
2.375
2.625
V
Output High Voltage
VOH
Note 1
1.375
V
Output Low Voltage
VOL
Note 1
1.125
V
Input High Voltage (EN1,
EN2,EN3 & EN4)
VIH
2.0
V
Input High Voltage (EN1,
EN2,EN3 & EN4)
VIL
0.5
V
Operating Supply Current
IDD
OE1:4:1
17
mA
OE1:4:0
4
mA
Short Circuit Current
IOS
±50
mA
Parameter
Conditions
Min.
Typ.
Max. Units
Input Frequency
25
MHz
Output Frequency
25
MHz
Differential Output Voltages (VOD)
250
350
450
mV
∆ V
OD
VOD Magnitude Change
-40
0
40
mV
Offset Voltage (VOS)
1.125
1.25
1.375
V
∆ V
OS
VOS Magnitude Change
3
25
mV
Differential Output Short Circuit Current (IOSD)-3.5
mA
Output Short Circuit Current (IOS)-3.5
mA
Output Rise Time
20% to 80%, no load
0.8
1.2
ns
Output Fall Time
20% to 80%, no load
0.8
1.2
ns
Output Clock Duty Cycle
Measured at 1.25V,
45
50
55
%
Output Short Circuit Current
±50
mA
Channel Output to output Skew
20
100
ps
Part to Part Skew
1.5
ns
Maximum Output Jitter (p-p)
40
ps
Phase Jitter (RMS)
Phase Noise integrated
from 10 kHz to 10 MHz
21.0
ps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com