Electronic Components Datasheet Search
  English  ▼

X  

ICS556-03 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS556-03
Description  QUAD LVDS OSCILLATOR/BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS556-03 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS556-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MDS 556-03 B
6
Revision 030204
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
Quad LVDS Oscillator/Buffer
ICS556-03
Parameter Measurement Information
2.5V OUTPUT LOAD AC TEST CIRCUIT
LVDS
V
DD = 2.5V±5%
SCOPE
50
50
Z = 50
Z = 50
Qx
nQx
tPW & tPERIOD
nCLK
CLK
tPERIOD
Pulse Width
PHASE JITTER
nCLK
CLK
t( )
VOH
VOL
tjit( ) = t( ) - t( )mean = Phase Jitter
DIFFERENTIAL INPUT LEVEL
VOS
Cross Points
VDD
VOD
nCLK
CLK
GND
Clock
Outputs
80%
80%
20%
20%
t
OR
t
OF
OUTPUT RISE/FALL TIME
V
OD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com