Electronic Components Datasheet Search
  English  ▼

X  

ICS8343I-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8343I-01
Description  LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8343I-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8343I-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ICS8343I-01
LOW SKEW, 1-TO-16
LVCMOS / LVTTL FANOUT BUFFER
8343AYI-01
www.icst.com/products/hiperclocks.html
REV. A JUNE 22, 2004
1
Integrated
Circuit
Systems, Inc.
PRELIMINARY
GENERAL DESCRIPTION
The ICS8343I-01 is a low skew, 1-to-16
LVCMOS/LVTTL Fanout Buffer and a member of
the HiPerClockS™ family of High Performance
Clock Solutions from ICS. The ICS8343I-01
single ended clock input accepts LVCMOS or
LVTTL input levels. The ICS8343I-01 operates at 3.3V,
2.5V and mixed 3.3V input and 2.5V supply modes over the
commercial temperature range. Guaranteed output and part-
to-part skew characteristics make the ICS8343I-01 ideal for
those clock distribution applications demanding well defined
performance and repeatability.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 16 LVCMOS/LVTTL outputs
• 1 LVCMOS/LVTTL clock input
• CLK can accept the following input levels: LVCMOS, LVTTL
• Maximum output frequency: 200MHz
• Dual output enable inputs facilitates 1-to-16 or 1-to-8 input
to output modes
• All inputs are 5V tolerant
• Output skew: 250ps (typical)
• Part-to-part skew: 700ps (typical)
• Full 3.3V and 2.5V or mixed 3.3V core/2.5V operating supply
• -40°C to 85°C ambient operating temperature
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VDD2
VDD2
VDD2
Q12
Q11
GND
GND
GND
VDD1
VDD1
VDD1
Q3
Q4
GND
GND
GND
ICS8343I-01
32-Lead LQFP
7mm x 7mm x 1.4mm body package
Y Package
(Top View)
HiPerClockS™
ICS
CLK
OE2
Q15
Q14
Q13
Q12
Q11
Q10
Q9
Q8
OE1
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
VDD1
VDD2
VDD
GND
Q15
Q14
Q13
Q12
Q11
Q10
Q9
Q8
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
OE1
GND
OE2
V
DD1
V
DD
V
DD2
CLK
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS8343I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8343I ICST-ICS8343I Datasheet
104Kb / 9P
LOW SKEW 1-TO-16 FANOUT BUFFER
REV. B MARCH 8, 2001
More results

Similar Description - ICS8343I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8312 ICST-ICS8312 Datasheet
253Kb / 12P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 14, 2004
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS83115 ICST-ICS83115 Datasheet
180Kb / 9P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
REV. A SEPTEMBER 21, 2004
ICS8343-01 ICST-ICS8343-01 Datasheet
133Kb / 10P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83115 IDT-83115 Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
83115I IDT-83115I Datasheet
161Kb / 11P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8343-01 RENESAS-8343-01 Datasheet
597Kb / 14P
Low Skew, 1-TO-16 LVCMOS / LVTTL Fanout Buffer
08/25/14
83115 RENESAS-83115 Datasheet
354Kb / 12P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
Rev C 3/20/15
83115I RENESAS-83115I Datasheet
353Kb / 12P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
Rev B 4/28/15
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com