Electronic Components Datasheet Search
  English  ▼

X  

ICS8343I-01 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS8343I-01
Description  LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8343I-01 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS8343I-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ICS8343I-01
LOW SKEW, 1-TO-16
LVCMOS / LVTTL FANOUT BUFFER
8343AYI-01
www.icst.com/products/hiperclocks.html
REV. A JUNE 22, 2004
5
Integrated
Circuit
Systems, Inc.
PRELIMINARY
TABLE 4F. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD = VDD1 = VDD2 = 2.5V±5%, T
A
= -40° TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
2
E
O
,
1
E
O2
V
D
D
3
.
0
+V
K
L
C2
V
D
D
3
.
0
+V
V
L
I
t
u
p
n
Ie
g
a
t
l
o
V
w
o
L
2
E
O
,
1
E
O3
.
0
-8
.
0V
K
L
C3
.
0
-3
.
1V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
2
E
O
,
1
E
OV
D
D
V
=
N
I
V
5
2
6
.
2
=5
A
µ
K
L
CV
D
D
V
=
N
I
V
5
2
6
.
2
=0
5
1A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
2
E
O
,
1
E
OV
D
D
V
,
V
5
2
6
.
2
=
N
I
V
0
=0
5
1
-A
µ
K
L
CV
D
D
V
,
V
5
2
6
.
2
=
N
I
V
0
=5
-A
µ
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
8
.
1V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
5
.
0V
I
L
Z
O
w
o
L
t
n
e
r
r
u
C
e
t
a
t
s
i
r
T
t
u
p
t
u
O
5A
µ
I
H
Z
O
h
g
i
H
t
n
e
r
r
u
C
e
t
a
t
s
i
r
T
t
u
p
t
u
O
5A
µ
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
x
D
D
.
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
t
u
p
t
u
O
V
5
.
2
,
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
2
/
TABLE 4E. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDD1 = VDD2 = 2.5V±5%, T
A
= -40° TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
7
3
.
25
.
25
2
6
.
2V
V
x
D
D
1
E
T
O
N
;
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
7
3
.
25
.
25
2
6
.
2V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
4
3A
m
I
x
D
D
2
E
T
O
N
;
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
3
1A
m
V
:
1
E
T
O
N
x
D
D
V
s
e
t
o
n
e
d
1
D
D
V
d
n
a
2
D
D
.
I
:
2
E
T
O
N
x
D
D
I
f
o
m
u
s
e
h
t
s
e
t
o
n
e
d
1
D
D
I
d
n
a
2
D
D
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com