Electronic Components Datasheet Search
  English  ▼

X  

ICS601-02 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS601-02
Description  Low Phase Noise Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS601-02 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS601-02 Datasheet HTML 1Page - Integrated Circuit Systems ICS601-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS601-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS601-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS601-02 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ICS601-02
Low Phase Noise Clock Multiplier
MDS 601-02 D
5
Revision 111204
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA•95126 • (408) 295-9800tel • www.icst.com
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems,
Incorporated (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third
parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in
normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or
other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the
right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life
support devices or critical medical instruments.
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC no. 95.)
Ordering Information
Part/Order Number
Marking
Shipping packaging
Package
Temperature
ICS601M-02I
ICS601M-02I
tubes
16 pin narrow SOIC
-40 to 85 °C
ICS601M-02IT
ICS601M-02I
tape and reel
16 pin narrow SOIC
-40 to 85 °C
16 pin SOIC
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.0532
0.0688
1.35
1.75
A1
0.0040
0.0098
0.10
0.24
B
0.0130
0.0200
0.33
0.51
C
0.0075
0.0098
0.19
0.24
D
0.3859
0.3937
9.80
10.00
E
0.1497
0.1574
3.80
4.00
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
H
0.2284
0.2440
5.80
6.20
h
0.0099
0.0195
0.25
0.50
L
0.0160
0.0500
0.41
1.27
B
D
E
H
e
A1
C
A
h x 45°
L
INDEX
AREA
ICS601M-02ILF
ICS601M-02ILFT
ICS601M-02IL
ICS601M-02IL
tubes
tape and reel
16 pin narrow SOIC
16 pin narrow SOIC
-40 to 85 °C
-40 to 85 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com