Electronic Components Datasheet Search
  English  ▼

X  

ICS601-02 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS601-02
Description  Low Phase Noise Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS601-02 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS601-02 Datasheet HTML 1Page - Integrated Circuit Systems ICS601-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS601-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS601-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS601-02 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ICS601-02
Low Phase Noise Clock Multiplier
MDS 601-02 D
1
Revision 111204
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA•95126 • (408) 295-9800tel • www.icst.com
The ICS601-02 is a low cost, low phase noise, high
performance clock synthesizer for any application that
requires low phase noise and low jitter. The ICS601 is
ICS’ lowest phase noise multiplier. Using ICS’ patented
analog and digital Phase Locked Loop (PLL)
techniques, the chip accepts a 10-27 MHz crystal or
clock input, and produces output clocks up to 170
MHz at 3.3 V. A separate supply pin is provided so that
the output can be 2.5 V.
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined nor guaranteed.
For applications which require defined input to output
timing, use the ICS670-01.
Block Diagram
Description
Features
• Packaged in 16 pin SOIC (Pb free)
• Uses fundamental 10 - 27 MHz crystal, or clock
• Patented PLL with the lowest phase noise
• Output clocks up to 170 MHz at 3.3 V
• Low phase noise: -132 dBc/Hz at 10 kHz
• Output Enable function tri states outputs
• Low jitter - 18 ps one sigma
• Full swing CMOS outputs with 25 mA drive
capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• Industrial temperature
• 3.3 V or 5 V core VDD. Output clock can operate
down to 2.5 V
Reference
Divide
Phase
Comparator
Crystal
Oscillator
ROM Based
Multipliers
VCO
Divide
Charge
Pump
Loop
Filter
VCO
Output
Buffer
X1/ICLK
X2
S0
S1
VDD
GND
OE
CLK
S3 S2
VDDP
Optional crystal
capacitors
needed
for accurate
tuning
(not shown)


Similar Part No. - ICS601-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS601-02 IDT-ICS601-02 Datasheet
196Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS601-02 RENESAS-ICS601-02 Datasheet
355Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
More results

Similar Description - ICS601-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS613 ICST-ICS613 Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 IDT-ICS601-02 Datasheet
196Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
logo
Renesas Technology Corp
ICS601-01 RENESAS-ICS601-01 Datasheet
415Kb / 10P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-02 RENESAS-ICS601-02 Datasheet
355Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-21 RENESAS-ICS601-21 Datasheet
273Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
121412
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com