Electronic Components Datasheet Search
  English  ▼

X  

DA14580 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # DA14580
Description  Bluetooth Smart changed to Bluetooth low energy as per Bluetooth SIG directive.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14580 Datasheet(HTML) 2 Page - Dialog Semiconductor

  DA14580 Datasheet HTML 1Page - Dialog Semiconductor DA14580 Datasheet HTML 2Page - Dialog Semiconductor DA14580 Datasheet HTML 3Page - Dialog Semiconductor DA14580 Datasheet HTML 4Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
Revision 3.4
09-Nov-2016
CFR0011-120-01
2 of 4
© 2014 Dialog Semiconductor
DA14580
Revision History
FINAL
• Note 17 added for VOH(VBAT3V): In Boost mode the output source current is limited to Iout = -250 uA.
• Note 18 added for VOL(VBAT3V): In Boost mode the output sink current is limited to Iout = 250 uA.
• Template updated to new branding guidelines.
• Back page: Contact information updated.
4
V3.1 (January 29, 2015)
• General description partly rephrased.
• Features (p.1):
• Corrected nominal package size for WLCSP34 package.
• Package added: KGD (wafer, dice).
• Ordering information (p.5):
• Reformatted into separate tables for samples and production orders.
• Table 1 (samples):
• Discontinued: DA14580-01UN6 (WLCSP34 samples in waffle pack).
• Replacement: DA14580-01UNA (WLCSP34 samples on mini-reel).
• Table 2 (production):
• Added: DA14580-01WO4 (KGD, wafer)
• Added: DA14580-01WC4 (KGD, dice)
• Section 3.7.1 (p.13):
• Section title changed to ‘General purpose timers’.
• Timer 0: formulas for output frequency, duty cycle and interrupt time reformatted.
• Timer 2:
• Input clock frequency: corrected from 16 MHz (fixed) to sys_clk/N with N = 1, 2, 4 or 8 and sys_clk = 16 MHz
or 32 kHz. Formula reformatted.
• Output frequency: formula reformatted.
• Section 3.9 (Power management), p.15:
• Feature ‘On/off control’ removed. Not supported for normal operation.
• Minimum voltage for Buck mode operation changed from 2.2 V to 2.35 V.
• Figures 8 and 10 updated accordingly.
• Order of sections ‘Registers’ and ‘Specifications’ reversed.
• Section 4 (Registers):
• Table 32 (CLK_AMBA_REG), p.31: descriptions of fields PCLK_DIV and HCLK_DIV rephrased.
• Tables 240, 241 and 242 (Px_PADPWR_CTRL_REG), p.134: Note added:
“For buck mode the output must be powered by the 3V rail, for boost mode by the 1V rail.”
• Section 5 (Specifications), p.142:
• Definition of MIN/MAX specifications rephrased.
• Default measurement conditions added.
• Table 281 (Recommended operating conditions), p.145:
•VBAT(VBAT3V)NO_OTP: parameter removed. VBAT(VBAT3V) also applies when OTP is not programmed.
• Table 282 (DC characteristics), p.145 and 146:
• Max value added for: IBAT(DP_SLP)_BOOST_8kB, IBAT(EXT_SLP)_BOOST_50kB, IBAT(ACT_RX)_BOOST,
IBAT(ACT_TX)_BOOST, IBAT(DP_SLP)_BUCK_8kB,
IBAT(EXT_SLP)_BUCK_50kB, IBAT(ACT_RX)_BUCK, IBAT(ACT_TX)_BUCK.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com