Electronic Components Datasheet Search
  English  ▼

X  

ICS8432-101 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8432-101
Description  700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8432-101 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8432-101 Datasheet HTML 1Page - Integrated Circuit Systems ICS8432-101 Datasheet HTML 2Page - Integrated Circuit Systems ICS8432-101 Datasheet HTML 3Page - Integrated Circuit Systems ICS8432-101 Datasheet HTML 4Page - Integrated Circuit Systems ICS8432-101 Datasheet HTML 5Page - Integrated Circuit Systems ICS8432-101 Datasheet HTML 6Page - Integrated Circuit Systems ICS8432-101 Datasheet HTML 7Page - Integrated Circuit Systems ICS8432-101 Datasheet HTML 8Page - Integrated Circuit Systems ICS8432-101 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
8432DY-101
www.icst.com/products/hiperclocks.html
REV. B JUNE 1, 2005
1
Integrated
Circuit
Systems, Inc.
ICS8432-101
700MHZ,
DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS8432-101 is a general purpose, dual out-
put Differential-to-3.3V LVPECL high frequency
synthesizer and a member of the HiPerClockS™
family of High Performance Clock Solutions from
ICS. The ICS8432-101 has a selectable
TEST_CLK or CLK, nCLK inputs. The TEST_CLK input
accepts LVCMOS or LVTTL input levels and translates them
to 3.3V LVPECL levels. The CLK, nCLK pair can accept most
standard differential input levels. The VCO operates at a
frequency range of 250MHz to 700MHz. The VCO frequency
is programmed in steps equal to the value of the input differ-
ential or single ended reference frequency. The VCO and
output frequency can be programmed using the serial or
parallel interfaces to the configuration logic. The low phase
noise characteristics of the ICS8432-101 makes it an ideal
clock source for Gigabit Ethernet and SONET applications.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Dual differential 3.3V LVPECL outputs
• Selectable CLK, nCLK or LVCMOS/LVTTL TEST_CLK
• TEST_CLK can accept the following input levels:
LVCMOS or LVTTL
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• CLK, nCLK orTEST_CLK maximum input frequency: 40MHz
• Output frequency range: 25MHz to 700MHz
• VCO range: 250MHz to 700MHz
• Accepts any single-ended input signal on CLK input
with resistor bias on nCLK input
• Parallel interface for programming counter
and output dividers
• RMS period jitter: 5ps (maximum)
• Cycle-to-cycle jitter: 25ps (maximum)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Lead-Free package fully RoHS compliant
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
CLK
TEST_CLK
CLK_SEL
VCCA
S_LOAD
S_DATA
S_CLOCK
MR
M5
M6
M7
M8
N0
N1
nc
VEE
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
ICS8432-101
VCO_SEL
CLK_SEL
TEST_CLK
CLK
S_LOAD
S_DATA
S_CLOCK
nP_LOAD
M0:M8
N0:N1
VCO
PLL
FOUT0
nFOUT0
FOUT1
nFOUT1
TEST
CONFIGURATION
INTERFACE
LOGIC
÷ M
0
1
0
1
PHASE DETECTOR
÷1
÷2
÷4
÷8
MR
nCLK
HiPerClockS™
ICS


Similar Part No. - ICS8432-101

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8432-101 RENESAS-ICS8432-101 Datasheet
539Kb / 21P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
APRIL 10, 2007
logo
Integrated Device Techn...
ICS8432-101 IDT-ICS8432-101_07 Datasheet
384Kb / 20P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS8432-101

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. C APRIL 8, 2005
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MARCH 22, 2004
ICS8432-111 ICST-ICS8432-111 Datasheet
278Kb / 17P
700MHZ/350MHZ DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MARCH 3, 2004
ICS8432I-51 ICST-ICS8432I-51 Datasheet
150Kb / 16P
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 28, 2003
ICS8432I-101 ICST-ICS8432I-101 Datasheet
170Kb / 18P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 23, 2005
logo
Integrated Device Techn...
ICS8432-101 IDT-ICS8432-101_07 Datasheet
384Kb / 20P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8432-51 IDT-ICS8432-51 Datasheet
237Kb / 21P
700MHZ, CYRSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS8432-51 RENESAS-ICS8432-51 Datasheet
461Kb / 22P
700MHZ, CYRSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
NOVEMBER 13, 2012
ICS8432-101 RENESAS-ICS8432-101 Datasheet
539Kb / 21P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
APRIL 10, 2007
8432I-51 RENESAS-8432I-51 Datasheet
539Kb / 22P
700MHz, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com