Electronic Components Datasheet Search
  English  ▼

X  

0801604 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 0801604
Description  Axioline F digital output module, 32 outputs, 24 V DC, 500 mA, 1-wire connection method
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801604 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 0801604 Datasheet HTML 6Page - PHOENIX CONTACT 0801604 Datasheet HTML 7Page - PHOENIX CONTACT 0801604 Datasheet HTML 8Page - PHOENIX CONTACT 0801604 Datasheet HTML 9Page - PHOENIX CONTACT 0801604 Datasheet HTML 10Page - PHOENIX CONTACT 0801604 Datasheet HTML 11Page - PHOENIX CONTACT 0801604 Datasheet HTML 12Page - PHOENIX CONTACT 0801604 Datasheet HTML 13Page - PHOENIX CONTACT 0801604 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AXL F DO32/1 1F
8124_en_01
PHOENIX CONTACT
13
Error and status of the local status and diagnostics indicators
The behavior of LED D during an "Actuator supply not present" error depends on whether you have switched error reporting
via the FF8F
hex object on or off.
12.4
Objects for process data management
The objects 003B
hex and 003Chex are only applicable to tools.
OUT process data (0026
hex: PDOUT)
You can read the OUT process data of the module with this object.
The structure corresponds to the representation in the "Process data" section.
Subindex
2
3
4
 
Error
Priority
Channel/
group/
module
Error code
LED
hex
hex
hex
dec
D
U
O
E1
xx
No error
00
00
0000
0
Green ON
ON
OFF
OFF
Short-circuit/overload of an out-
put
02
FF
2344
9028
Green ON
ON
Red
ON
Red
ON
Actuator supply not present
01
FF
3422
13346
flashing green or
green/yellow
OFF
OFF
OFF
xx LED
Diagnostics of the output
xx
00 ... 07, 10 ... 17, 20 ... 27, 30 ... 37
Parameterization in FF8F
hex
D LED
Do not report error to the controller
green
Report error to the controller
Flashing green/yellow
Index
(hex)
Object name
Object
type
Data type
A
L
Rights
Assignment
0026
PDOUT
Var
Octet string
1
4
R
Output process data
003B
PDIN_Descr
Array of Re-
cords
 
3
8; 2; 2
R
Description of the IN process data
003C
PDOUT_Descr
Array of Re-
cords
 
3
8; 2; 2
R
Description of the output process data
0026
hex: PDOUT (Read)
Subindex
Data type
Length in bytes Meaning
0
Octet string
4
Output process data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com