Electronic Components Datasheet Search
  English  ▼

X  

0801604 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0801604
Description  Axioline F digital output module, 32 outputs, 24 V DC, 500 mA, 1-wire connection method
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801604 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0801604 Datasheet HTML 1Page - PHOENIX CONTACT 0801604 Datasheet HTML 2Page - PHOENIX CONTACT 0801604 Datasheet HTML 3Page - PHOENIX CONTACT 0801604 Datasheet HTML 4Page - PHOENIX CONTACT 0801604 Datasheet HTML 5Page - PHOENIX CONTACT 0801604 Datasheet HTML 6Page - PHOENIX CONTACT 0801604 Datasheet HTML 7Page - PHOENIX CONTACT 0801604 Datasheet HTML 8Page - PHOENIX CONTACT 0801604 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AXL F DO32/1 1F
8124_en_01
PHOENIX CONTACT
2
2Table of contents
1
Description .............................................................................................................................. 1
2
Table of contents ..................................................................................................................... 2
3
Ordering data .......................................................................................................................... 3
4
Technical data ......................................................................................................................... 4
5
Maximum outputs power consumption when inductive loads are switched off ........................ 7
6
Internal circuit diagram ............................................................................................................ 7
7
Terminal point assignment....................................................................................................... 8
8
Connection example................................................................................................................ 8
9
Local status and diagnostic indicators ..................................................................................... 9
10
Process data.......................................................................................................................... 10
11
Parameter, diagnostics and information (PDI) ....................................................................... 10
12
Standard objects ................................................................................................................... 11
12.1
Objects for identification (device rating plate)
............................................................................ 11
12.2
Object for multilingual capacity
.............................................................................................. 11
12.3
Diagnostics objects
............................................................................................................ 12
12.4
Objects for process data management
.................................................................................... 13
13
Application objects ................................................................................................................ 14
13.1
Substitute value behavior (FF8Dhex: PD Output Substitute Configuration)
....................................... 14
13.2
Message “Actuator supply not present” (FF8Fhex: DiagOut)
......................................................... 14
14
Device descriptions ............................................................................................................... 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com