Electronic Components Datasheet Search
  English  ▼

X  

MPXV7007DP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPXV7007DP
Description  Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXV7007DP Datasheet(HTML) 2 Page - NXP Semiconductors

  MPXV7007DP Datasheet HTML 1Page - NXP Semiconductors MPXV7007DP Datasheet HTML 2Page - NXP Semiconductors MPXV7007DP Datasheet HTML 3Page - NXP Semiconductors MPXV7007DP Datasheet HTML 4Page - NXP Semiconductors MPXV7007DP Datasheet HTML 5Page - NXP Semiconductors MPXV7007DP Datasheet HTML 6Page - NXP Semiconductors MPXV7007DP Datasheet HTML 7Page - NXP Semiconductors MPXV7007DP Datasheet HTML 8Page - NXP Semiconductors MPXV7007DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NXP Semiconductors
MPXV7007
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and
calibrated
4.1 Ordering options
# of Ports
Pressure type
Device name
Package
options
SOT
no.
None Single Dual Gauge Differential Absolute
Device
marking
Small Outline Package
MPXV7007DP
Trays
1693-1
•
•
MPXV7007DP
MPXV7007DPT1
Tape and Reel 1693-1
•
•
MPXV7007DP
MPXV7007GC6U
Rails
1854-1
•
•
MPXV7007G
MPXV7007GC6T1 Tape and Reel 1854-1
•
•
MPXV7007G
MPXV7007GP
Trays
1693-3
•
•
MPXV7007GP
Table 2. Ordering options
MPXV7007DP/DPT1
CASE 1351-01
SOT1693-1
MPXV7007GC6U/C6T1
CASE 482A-01
SOT1854-1
MPXV7007GP
CASE 1369-01
SOT1693-3
Small outline packages
5 Block diagram
aaa-040606
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
2
3
4
Sensing
element
Pins 1, 5, 6, 7 and 8 are NO CONNECTS
for small outline package device
VS
Vout
GND
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
Figure 1. Integrated pressure sensor schematic
MPXV7007
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 26 January 2021
2 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com