Electronic Components Datasheet Search
  English  ▼

X  

MPXV7007DP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPXV7007DP
Description  Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXV7007DP Datasheet(HTML) 4 Page - NXP Semiconductors

  MPXV7007DP Datasheet HTML 1Page - NXP Semiconductors MPXV7007DP Datasheet HTML 2Page - NXP Semiconductors MPXV7007DP Datasheet HTML 3Page - NXP Semiconductors MPXV7007DP Datasheet HTML 4Page - NXP Semiconductors MPXV7007DP Datasheet HTML 5Page - NXP Semiconductors MPXV7007DP Datasheet HTML 6Page - NXP Semiconductors MPXV7007DP Datasheet HTML 7Page - NXP Semiconductors MPXV7007DP Datasheet HTML 8Page - NXP Semiconductors MPXV7007DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NXP Semiconductors
MPXV7007
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and
calibrated
8 Operating characteristics
(VS = 5.0 Vdc, TA = 25 °C unless otherwise noted. Decoupling circuit shown in Figure 6 required to meet specification.
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure range[1]
POP
–7
—
7
kPa
Supply voltage[2]
VS
4.75
5.0
5.25
Vdc
Supply current
Io
—
7.0
10
mAdc
Minimum pressure offset[3] (0 °C to 85 °C)
@ VS = 5.0 Volts
Voff
0.33
0.5
0.67
Vdc
Full scale output[4] (0 °C to 85 °C)
@ VS = 5.0 Volts
VFSO
4.3
4.5
4.7
Vdc
Full scale span[5] (0 °C to 85 °C)
@ VS = 5.0 Volts
VFSS
—
4.0
—
Vdc
Accuracy[6] (0 °C to 85 °C)
—
—
—
±5.0
%VFSS
Sensitivity
V/P
—
286
—-
mV/kPa
Response time[7]
tR
—
1.0
—-
ms
Output source current at full scale output
IO+
—
0.1
—-
mAdc
Warm-up time[8]
—
—
20
—-
ms
Offset stability[9]
—
—
± 0.5
—-
%VFSS
Table 5. Operating characteristics)
[1]
1.0 kPa (kiloPascal) equals 0.145 psi.
[2]
Device is ratiometric within this specified excitation range.
[3]
Offset (Voff) is defined as the output voltage at the minimum rated pressure.
[4]
Full scale output (VFSO) is defined as the output voltage at the maximum or full rated pressure.
[5]
Full scale span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the minimum rated
pressure.
[6]
Accuracy (error budget) consists of the following:
• Linearity: Output deviation from a straight-line relationship with pressure over the specified pressure range.
• Temperature hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is cycled to and from the
minimum or maximum operating temperature points, with zero differential pressure applied.
• Pressure hysteresis: Output deviation at any pressure within the specified range, when this pressure is cycled to and from the minimum or maximum
rated pressure, at 25 °C.
• TcSpan: Output deviation over the temperature range of 0 °C to 85 °C, relative to 25 °C.
• TcOffset: Output deviation with minimum rated pressure applied, over the temperature range of 0 °C to 85 °C, relative to 25 °C.
• Variation from nominal: The variation from nominal values, for offset or full scale span, as a percent of VFSS, at 25 °C.
[7]
Response time is defined as the time for the incremental change in the output to go from 10 % to 90 % of its final value when subjected to a specified step
change in pressure.
[8]
Warm-up time is defined as the time required for the product to meet the specified output voltage after the pressure has been stabilized.
[9]
Offset stability is the output deviation of the product when subjected to 1000 hours of pulsed pressure, temperature cycling with bias test.
MPXV7007
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 26 January 2021
4 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com