Electronic Components Datasheet Search
  English  ▼

X  

PLT5520B Datasheet(PDF) 14 Page - OSRAM GmbH

Part # PLT5520B
Description  Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT5520B Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button PLT5520B Datasheet HTML 8Page - OSRAM GmbH PLT5520B Datasheet HTML 9Page - OSRAM GmbH PLT5520B Datasheet HTML 10Page - OSRAM GmbH PLT5520B Datasheet HTML 11Page - OSRAM GmbH PLT5520B Datasheet HTML 12Page - OSRAM GmbH PLT5520B Datasheet HTML 13Page - OSRAM GmbH PLT5520B Datasheet HTML 14Page - OSRAM GmbH PLT5520B Datasheet HTML 15Page - OSRAM GmbH PLT5520B Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
PLT5 520B
14 Version 1.3 | 2021-07-09
Glossary
1)
Operating/Forward current: IF is measured with an internal reproducibility of ±7 % (acc. to GUM with a
coverage factor of k = 3).
2)
Reverse Operation: This product is intended to be operated applying a forward current within the
specified range. Applying any continuous reverse bias or forward bias below the voltage range of light
emission shall be avoided because it may cause migration which can change the electro-optical char-
acteristics or damage the LED.
3)
Wavelength: λpeak is measured with an internal reproducibility of ±0.3 nm (acc. to GUM with a cover-
age factor of k = 3).
4)
Operating/Forward voltage: VF is measured with an internal reproducibility of ±0.05 V (acc. to GUM
with a coverage factor of k = 3).
5)
Forward Voltage: The forward voltages are measured with a tolerance of ±0.1 V.
6)
Monitor current: Monitor current refers to a reverse voltage of VRPD = 5 V. Monitor current is for short
time power reference purpose only. Not guaranteed for accuracy.
7)
Monitor current: For reference only.
8)
Wavelength: The wavelengths are measured with a tolerance of ±1 nm.
9)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures.
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
10)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com