Electronic Components Datasheet Search
  English  ▼

X  

PLT5520B Datasheet(PDF) 2 Page - OSRAM GmbH

Part # PLT5520B
Description  Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT5520B Datasheet(HTML) 2 Page - OSRAM GmbH

  PLT5520B Datasheet HTML 1Page - OSRAM GmbH PLT5520B Datasheet HTML 2Page - OSRAM GmbH PLT5520B Datasheet HTML 3Page - OSRAM GmbH PLT5520B Datasheet HTML 4Page - OSRAM GmbH PLT5520B Datasheet HTML 5Page - OSRAM GmbH PLT5520B Datasheet HTML 6Page - OSRAM GmbH PLT5520B Datasheet HTML 7Page - OSRAM GmbH PLT5520B Datasheet HTML 8Page - OSRAM GmbH PLT5520B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PLT5 520B
2 Version 1.3 | 2021-07-09
Maximum Ratings
T
case = 25 °C
Parameter
Symbol
Values
Operating temperature
T
op
min.
max.
-20 °C
60 °C
Storage temperature
T
stg
min.
max.
-40 °C
85 °C
Junction temperature
T
j
max.
120 °C
Forward current 1)
I
F
max.
330 mA
Reverse voltage 2)
V
R
max.
2 V
Soldering temperature
t
max = 10 s
T
S
max.
260 °C
Operation outside these conditions may damage the device. Operation at maximum ratings may influence lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com