Electronic Components Datasheet Search
  English  ▼

X  

IMX7ULPCECB2 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # IMX7ULPCECB2
Description  i.MX 7ULP Applications Processor-Consumer
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCECB2 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button IMX7ULPCECB2 Datasheet HTML 26Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 27Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 28Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 29Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 30Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 31Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 32Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 33Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 122 page
background image
5.1 JTAG—system control
Joint Test Action Group Controller (JTAGC) provides the means to test chip
functionality and connectivity while remaining transparent to system logic when not in
test mode. Testing is performed via a boundary scan technique, as defined in the IEEE
1149.1-2001 standard.
5.2 JTAG device identification register
The device identification register (JTAG ID) allows the revision number and part
number to be read through the TAP. See the device identification register section of the
i.MX 7ULP Applications Processor Reference Manual
for details. This table shows the
Part Identification Number (PIN) and the Part Revision Number (PRN) for each i.MX
7ULP silicon revision.
Table 3. JTAG device identification register information
Silicon Revision
Part Identification Number (PIN)
Part Revision Number (PRN)
A0
10'b0011100001
4’b0000
B0
10'b0011100001
4’b0001
B1
10'b0011100001
4’b0010
B2
10'b0011100001
4’b0011
The contents of the JTAD ID register are also mirrored in a SIM register called
JTAG_ID_REG (address 0x410A_308C).
5.3 Oscillators and PLLs
5.3.1 System oscillator (SYS OSC)
The system oscillator (SYS OSC) is a crystal oscillator. The SYS OSC, in conjunction
with an external crystal or resonator, generates a reference clock for this chip. It also
provides the option for an external input clock to EXTAL signal directly.
System control modules
30
i.MX 7ULP Applications Processor—Consumer, Rev. 0, 09/2020
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com