Electronic Components Datasheet Search
  English  ▼

X  

IMX7ULPCECB2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # IMX7ULPCECB2
Description  i.MX 7ULP Applications Processor-Consumer
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCECB2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button IMX7ULPCECB2 Datasheet HTML 9Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 10Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 11Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 12Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 13Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 14Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 15Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 16Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 122 page
background image
Table 1. i.MX 7ULP modules list (continued)
Block Name
Block Mnemonic
Subsystem
Power
Domain
Brief description
overlay, resizing, transparency, and
other dynamic effects.
GC7000 Nano Ultra
Graphic Processing
Unit
GPU-3D
Multimedia
AD
i.MX 7ULP integrates the Vivante
GC7000 Nano Ultra Graphic Processing
Unit (GPU-3D). supporting OpenGL
ES2.0/1.1, Desktop OpenGL 2.1,
OpenVG1.1, and GLSL shading
language support.
Hardware Semaphore SEMA42_0 and
SEMA42_1
Multicore Peripherals
and Resource Domain
Control submodules
AD, RT
The Hardware Semaphore (SEMA42)
module provides the hardware support
needed in multicore systems for
implementing semaphores and provide a
simple mechanism to achieve "lock/
unlock" operations via a single write
access. SEMA42_0 is in the real-time
domain. SEMA42_1 is in the application
domain.
Input/Output
Multiplexing
Controller
IOMUXC0-1 &
IOMUXC_DDR
System Control
AD, RT
The Input/Output Multiplexing Controller
(IOMUXC) enables the chip to share one
pad for multiple signals from different
peripheral interfaces. This pad sharing
mechanism is done by multiplexing the
pad's input and output signals. The
IOMUXC also controls the pads setting
parameters and digital filter functions of
the pad. In addition, the IOMUXC
controls input multiplexing logic for input
signals multiplexed at multiple locations.
IOMUXC0 is in the real-time domain.
IOMUXC1 and IOMUXC_DDR are in the
application domain.
Internal Reference
Clock 1kHz
IRC1K
Clock Sources and
Control
SYS
The Internal Reference Clock 1kHz
(IRC1K) module is an internal oscillator
that can generate a reference clock of
1kHz. The IRC1K clock is enabled in all
modes of operation, including all low
power modes.
Joint Test Action
Group Controller
JTAGC
Debug
RT
Joint Test Action Group Controller
(JTAGC) provides the means to test chip
functionality and connectivity while
remaining transparent to system logic
when not in test mode. Testing is
performed via a boundary scan
technique, as defined in the IEEE
1149.1-2001 standard.
LCD Interface
Controller
LCDIF
Multimedia
AD
The LCDIF is a general purpose display
controller used to drive a wide range of
display devices varying in size and
capabilities. The LCDIF is used as a
Table continues on the next page...
i.MX 7ULP modules list
i.MX 7ULP Applications Processor—Consumer, Rev. 0, 09/2020
13
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com