Electronic Components Datasheet Search
  English  ▼

X  

MAX22005 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX22005
Description  Access to Eight GPIO Channels
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22005 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX22005 Datasheet HTML 1Page - Maxim Integrated Products MAX22005 Datasheet HTML 2Page - Maxim Integrated Products MAX22005 Datasheet HTML 3Page - Maxim Integrated Products MAX22005 Datasheet HTML 4Page - Maxim Integrated Products MAX22005 Datasheet HTML 5Page - Maxim Integrated Products MAX22005 Datasheet HTML 6Page - Maxim Integrated Products MAX22005 Datasheet HTML 7Page - Maxim Integrated Products MAX22005 Datasheet HTML 8Page - Maxim Integrated Products MAX22005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Evaluates: MAX22005
MAX22005 Evaluation Kit
General Description
The MAX22005 evaluation kit (EV kit) provides a proven
design to evaluate the MAX22005, 12-Channel factory-cali-
brated configurable industrial-analog input. The MAX22005
EV kit includes the MAX22005 evaluation board and a
graphical user interface (GUI) that provides communication
from a PC to the target device through a USB port.
The GUI is compatible with Windows® 10 for exercising
the features of the MAX22005 IC. The EV kit GUI allows
the user to read the 24-bit ADC conversion result for any of
the input channels through the high-speed SPI interface in
single-ended, differential, or multifunctional configurations.
The SPI interface is galvanically isolated from the USB port.
The MAX22005 EV kit must be powered from an external
+24V power supply through the power jack (J100). The
on-board DC-DC converters provide ±15V HVDD/HVSS
and +3.3V AVDD/DVDD power rails for the entire board.
TheMAX22005EVkitboardcomeswithaMAX22005ALM+
installed in a 48-pin, 7.5mm x 7.0mm LGA package.
Features
● Easy Selection and Configuration of Input Channels
● On-the-Fly Configuration as Analog Input-Voltage
Mode or Analog Input-Current Mode
• ±12.5V and 0V to +12.5V Ranges in Analog Input-
Voltage Mode
• ±25mA and 0V to 25mA Ranges in Analog Input-
Current Mode
● MAX22005 is Factory Calibrated
• EV Kit Does Not Require System Calibration for
AIVM
● CRC Detection for Robust Communication
● Watchdog Timer for SPI Activity
● Access to Eight GPIO Channels
● Ability to Synchronize Multiple EV kits for
Simultaneous ADC Conversion
● -40°C to +125°C Temperature Range
● Proven PCB Layout
● Fully Assembled and Tested
● Windows 10 Compatible Software
319-100726; Rev 0; 3/21
Ordering Information appears at end of data sheet.
Windows is a registered trademark of Microsoft Corporation.
MAX22005 EV Kit
Click
here to ask about the production status of specific part numbers.


Similar Part No. - MAX22005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX22005 MAXIM-MAX22005 Datasheet
1Mb / 47P
12-Channel Factory-Calibrated Configurable Industrial-Analog Input
19-101026; Rev 0; 4/21
MAX22005ALM+ MAXIM-MAX22005ALM+ Datasheet
1Mb / 47P
12-Channel Factory-Calibrated Configurable Industrial-Analog Input
19-101026; Rev 0; 4/21
MAX22005ALM+T MAXIM-MAX22005ALM+T Datasheet
1Mb / 47P
12-Channel Factory-Calibrated Configurable Industrial-Analog Input
19-101026; Rev 0; 4/21
MAX22005 MAXIM-MAX22005_V01 Datasheet
1Mb / 47P
12-Channel Factory-Calibrated Configurable Industrial-Analog Input
19-101026; Rev 0; 4/21
More results

Similar Description - MAX22005

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4880R INFINEON-BTS4880R Datasheet
356Kb / 20P
Smart Power High-Side-Switch Eight Channels: 8 x 200 m?
2004-01-27
logo
Asahi Kasei Microsystem...
AKD4628A-B AKM-AKD4628A-B Datasheet
501Kb / 44P
single chip CODEC that includes two channels of ADC and eight channels of DAC.
logo
Synaptics Incorporated.
CX20701 CONEXANT-CX20701 Datasheet
121Kb / 2P
Eight GPIO pins
CX20709 CONEXANT-CX20709 Datasheet
114Kb / 2P
Eight GPIO pins
logo
Crydom Inc.,
B512FSE-2T CRYDOM-B512FSE-2T Datasheet
788Kb / 4P
Eight Circuits to Choose from
B612-2T CRYDOM-B612-2T Datasheet
788Kb / 4P
Eight Circuits to Choose from
B512-2T CRYDOM-B512-2T Datasheet
802Kb / 5P
Eight Circuits to Choose from
logo
Maxim Integrated Produc...
MAX31911 MAXIM-MAX31911 Datasheet
866Kb / 17P
Eight High-Voltage Input Channels
Rev 6; 4/15
logo
Analog Devices
EVAL-1CH2CHSOICEBZ AD-EVAL-1CH2CHSOICEBZ Datasheet
328Kb / 8P
Access to 2 data channels
Rev. 0
EVAL-5CH6CHSOICEBZ AD-EVAL-5CH6CHSOICEBZ Datasheet
439Kb / 8P
Access to all data channels
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com