Electronic Components Datasheet Search
  English  ▼

X  

MAX22005 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX22005
Description  Access to Eight GPIO Channels
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22005 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX22005 Datasheet HTML 1Page - Maxim Integrated Products MAX22005 Datasheet HTML 2Page - Maxim Integrated Products MAX22005 Datasheet HTML 3Page - Maxim Integrated Products MAX22005 Datasheet HTML 4Page - Maxim Integrated Products MAX22005 Datasheet HTML 5Page - Maxim Integrated Products MAX22005 Datasheet HTML 6Page - Maxim Integrated Products MAX22005 Datasheet HTML 7Page - Maxim Integrated Products MAX22005 Datasheet HTML 8Page - Maxim Integrated Products MAX22005 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX22005
MAX22005 Evaluation Kit
6) Start the EV kit software by opening the icon in the
Start | Programs | Maxim Integrated menu. The EV
kit software
Analog Input tab appears as shown in
Figure 1.
7) Verify that the lower-right status bar indicates the EV
kit hardware is
Connected.
The GUI automatically detects if the EV kit is con-
nected to the PC and enables serial communication.
The following steps are used to verify functionality of the
MAX22005.
8) Jump the wire from the X1.9 connector (AI1 input) to
the TP26 (REF_ADC) to verify the IC functionality.
9) In the
Analog Input tab select Single Ended ±12.5V
Mode from the Mode dropdown menu (default), un-
check all other selected channels and hit the
Read
All button. The ADC read value in both volt and hex
format appears in the respective AI_ read boxes. The
voltage value should be close to 2.5V.
10) Select the
Register tab, shown in Figure 2, and
click
Read All button to read all the registers in the
device. Inspect all the registers settings for the previ-
ous setup of AI1 single-ended reading.
Figure 1. MAX22005 EV Kit GUI Analog Input Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com