Electronic Components Datasheet Search
  English  ▼

X  

ICS84325 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS84325
Description  CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84325 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS84325 Datasheet HTML 7Page - Integrated Circuit Systems ICS84325 Datasheet HTML 8Page - Integrated Circuit Systems ICS84325 Datasheet HTML 9Page - Integrated Circuit Systems ICS84325 Datasheet HTML 10Page - Integrated Circuit Systems ICS84325 Datasheet HTML 11Page - Integrated Circuit Systems ICS84325 Datasheet HTML 12Page - Integrated Circuit Systems ICS84325 Datasheet HTML 13Page - Integrated Circuit Systems ICS84325 Datasheet HTML 14Page - Integrated Circuit Systems ICS84325 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
84325EM
www.icst.com/products/hiperclocks.html
REV. B OCTOBER 11, 2004
11
Integrated
Circuit
Systems, Inc.
ICS84325
CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
LVPECL output driver circuit and termination are shown in
Figure 6.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load, and a termination
voltage of V
CCO
- 2V.
•
For logic high, V
OUT
= V
OH_MAX
= V
CCO_MAX
– 1.0V
(V
CCO_MAX
- V
OH_MAX
) = 1.0V
•
For logic low, V
OUT
= V
OL_MAX
= V
CCO_MAX
– 1.7V
(V
CCO_MAX
- V
OL_MAX
) = 1.7V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(V
OH_MAX
– (V
CCO_MAX
- 2V))/R
L
] * (V
CCO_MAX
- V
OH_MAX
) = [(2V - (V
CCO_MAX
- V
OH_MAX
))/R
L
] * (V
CCO_MAX
- V
OH_MAX
) =
[(2V - 1V)/50
Ω) * 1V = 20.0mW
Pd_L = [(V
OL_MAX
– (V
CCO_MAX
- 2V))/R
L
] * (V
CCO_MAX
- V
OL_MAX
) = [(2V - (V
CCO_MAX
- V
OL_MAX
))/R
L
] * (V
CCO_MAX
- V
OL_MAX
) =
[(2V - 1.7V)/50
Ω) * 1.7V = 10.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30.2mW
FIGURE 6. LVPECL DRIVER CIRCUIT AND TERMINATION
Q1
V
OUT
V
CCO
RL
50
V
CCO - 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com