Electronic Components Datasheet Search
  English  ▼

X  

ICS84325 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS84325
Description  CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84325 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS84325 Datasheet HTML 4Page - Integrated Circuit Systems ICS84325 Datasheet HTML 5Page - Integrated Circuit Systems ICS84325 Datasheet HTML 6Page - Integrated Circuit Systems ICS84325 Datasheet HTML 7Page - Integrated Circuit Systems ICS84325 Datasheet HTML 8Page - Integrated Circuit Systems ICS84325 Datasheet HTML 9Page - Integrated Circuit Systems ICS84325 Datasheet HTML 10Page - Integrated Circuit Systems ICS84325 Datasheet HTML 11Page - Integrated Circuit Systems ICS84325 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
84325EM
www.icst.com/products/hiperclocks.html
REV. B OCTOBER 11, 2004
8
Integrated
Circuit
Systems, Inc.
ICS84325
CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
SCHEMATIC EXAMPLE
Figure 5A shows a schematic example of using an ICS84325. In
this example, the input is a 25MHz parallel resonant crystal with
load capacitor CL=18pF. The frequency fine tuning capacitors
C1 and C2 are 22pF respectively. This example also shows logic
control input handling.The configuration is set at F_SEL[1:0]=11
FIGURE 5A. ICS84325 SCHEMATIC EXAMPLE
therefore the output frequency is 250MHz. It is recommended to
have one decouple capacitor per power pin. Each decoupling
capacitor should be located as close as possible to the power
pin. The low pass filter R7, C11 and C16 for clean analog supply
should also be located as close to the V
CCA pin as possible.
Figure 4. CRYSTAL INPUt INTERFACE
were chosen to minimize the ppm error. The optimum C1 and C2
values can be slightly adjusted for different board layouts.
C1
22p
X1
18pF Parallel Cry stal
C2
22p
XTAL2
XTAL1
R1
50
R3
50
R4
1K
Zo = 50
C6
0.1u
C1
22p
RD3
SP
Zo = 50
C5
0.1u
VCC
C16
10u
RU3
1K
C3
0.1u
VCC
C2
22p
U7
ICS84325
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
VCC
VEE
PLL_SEL
VCC
VCCA
VEE
XTAL2
XTAL1
MR
F_SEL1
F_SEL0
VCC
X1
25MHz,18pF
SP = Spare, Not Installed
R5
1K
RD2
SP
C11
0.1u
VCC
e.g. F_SEL[1:0]=11
(U1,16)
VCCA
(U1,13)
F_SEL1
(U1,24)
F_SEL0
F_SEL1
VCC
VCC
F_SEL0
VCC=3.3V
+
-
R7
24
R2
50
RU2
1K
CRYSTAL INPUT INTERFACE
The ICS84325 has been characterized with 18pF parallel resonant
crystals. The capacitor values, C1 and C2, shown in
Figure 3 below
were determined using a 25MHz, 18pF parallel resonant crystal and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com