Electronic Components Datasheet Search
  English  ▼

X  

MAX20095 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX20095
Description  Optimized Application Layout for Quick Implementation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20095 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX20095 Datasheet HTML 1Page - Maxim Integrated Products MAX20095 Datasheet HTML 2Page - Maxim Integrated Products MAX20095 Datasheet HTML 3Page - Maxim Integrated Products MAX20095 Datasheet HTML 4Page - Maxim Integrated Products MAX20095 Datasheet HTML 5Page - Maxim Integrated Products MAX20095 Datasheet HTML 6Page - Maxim Integrated Products MAX20095 Datasheet HTML 7Page - Maxim Integrated Products MAX20095 Datasheet HTML 8Page - Maxim Integrated Products MAX20095 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluate: MAX20094/MAX20095
MAX20094/MAX20095 Evaluation Kits/
MAX20094/MAX20095 Evaluation Systems
Procedure for the State-of-Health (SOH)
To quickly test the SOH functionality, power supplies are
used instead of actual batteries:
1) Preset PS1 to 14V, then disable the supply. Connect
the positive and negative terminals to MBATT1 and
the neighboring GND test pads, respectively, and turn
on the supply.
2) Preset PS2 to 4V, then disable the supply. Connect
the positive and negative terminals to VSUP1 and the
neighboring GND test pads, respectively, and turn on
the supply.
3) Preset PS3 to 3.2V, then disable the supply.
4) Set the DMM to measure current. Connect the
positive terminal of PS3 to the DMM’s COM, and then
connect the positive side of the DMM to the BBAT+
test pad. Close the current path by connecting the
neighboring GND test pad to the supply’s negative
terminal, then turn on PS3.
5) Start the EV kit software on the PC and click the
splash screen to bring up the main window.
6) Check
SOH_EN in the GUI (Figure 1) to enable the
SOH function.
7) Verify that the MAX20094/MAX20095 current through
the DMM is approximately -500mA, flowing from the
supply to the board.
Procedure for the Boost Controller
To quickly test the boost-controller functionality, power
supplies are used instead of actual batteries:
1) Preset PS1 to 14V, then disable the supply. Connect
the positive and negative terminals to MBATT1 and
the neighboring GND test pads, respectively, and turn
on the supply.
2) Preset PS2 to 4V, then disable the supply. Connect
the positive and negative terminals to VSUP1 and the
neighboring GND test pads, respectively, and turn on
the supply.
3) Preset PS3 to 3.2V, then disable the supply. Connect
the positive and negative terminals to BBAT+ and the
neighboring GND test pads, respectively, and turn on
the supply.
4) Connect an electronic load’s positive and negative
terminals to MBATT2 and the neighboring GND test
pads, respectively. Set the load to 100mA.
5) Start the EV kit software on the PC and click the
splash screen to bring up the main window.
6) Check
BST_EN in the GUI to enable the boost
controller.
7) Lower PS1 from 14V to 0V.
8) Verify that MBATT2 voltage is approximately 6.2V on
the MAX20094 EV kit and 9V on the MAX20095 EV kit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com