Electronic Components Datasheet Search
  English  ▼

X  

MAX20095 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20095
Description  Optimized Application Layout for Quick Implementation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20095 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20095 Datasheet HTML 1Page - Maxim Integrated Products MAX20095 Datasheet HTML 2Page - Maxim Integrated Products MAX20095 Datasheet HTML 3Page - Maxim Integrated Products MAX20095 Datasheet HTML 4Page - Maxim Integrated Products MAX20095 Datasheet HTML 5Page - Maxim Integrated Products MAX20095 Datasheet HTML 6Page - Maxim Integrated Products MAX20095 Datasheet HTML 7Page - Maxim Integrated Products MAX20095 Datasheet HTML 8Page - Maxim Integrated Products MAX20095 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluate: MAX20094/MAX20095
MAX20094/MAX20095 Evaluation Kits/
MAX20094/MAX20095 Evaluation Systems
Detailed Description Software
The GUI shown in Figure 1 is the main window of
MAX20094 EV kit software, and provides a convenient
means to control both the MAX20094 and MAX20095
ICs. When the software is first opened, a splash screen
appears. Click anywhere on the screen to proceed to the
main window. Verify that the bottom-right corner of the
status bar displays
EV Kit: Connected. If there is a prob-
lem with the connection, reconnect the EV kit to the PC,
power it up, and then click
Device > Connect, or press
F9 on the keyboard. Refer to the MAX20094/MAX20095
IC data sheet for a full description of each register and
their bits.
CC/CV Charging Details
The normal operating mode of the IC is to maintain
charge on the backup battery of a system. Several key
aspects of the charging function can be easily tested
through the GUI.
Switching Between Charging Modes
When the charger is enabled, the operation is governed
by an internal state machine.
Disabled: The charger is in an OFF state if the CHG_EN
bit (register 0x04) = 0, or if the die temperature is above
thermal-shutdown threshold.
Prequal: The prequalify state is a current-limited mode
that occurs if BBAT+ voltage is less than an internal OTP
threshold. To enter this mode, set BBAT+ to 0V before
enabling the charger.
Standby: Once the charger is enabled, it remains in this
state until a valid supply condition is met. To verify on EV
kit, enable the charger and then enter SUP1 undervoltage
lockout (UVLO) by reducing the VSUP1 to below 3.5V.
CC: The continuous-current mode is used when the
rechargeable battery needs a significant amount of charge.
To enter this mode, follow the quick start Procedure for
CC/CV Charging section.
Figure 1. MAX20094 Evaluation Kit Software Main Window (also applies to the MAX20095 EV Kit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com