Electronic Components Datasheet Search
  English  ▼

X  

2881007 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2881007
Description  Surge protection device - DT-LAN-CAT.6
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2881007 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2881007 Datasheet HTML 1Page - PHOENIX CONTACT 2881007 Datasheet HTML 2Page - PHOENIX CONTACT 2881007 Datasheet HTML 3Page - PHOENIX CONTACT 2881007 Datasheet HTML 4Page - PHOENIX CONTACT 2881007 Datasheet HTML 5Page - PHOENIX CONTACT 2881007 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/2881007
09/27/2021   Page 1 / 6
Surge protection device - DT-LAN-CAT.6+ - 2881007
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Surge protection in accordance with Class EA (CAT6A), for Gigabit Ethernet (up to 10 Gbps), token ring, FDDI/
CDDI, ISDN, and DS1. Suitable for Power over Ethernet (PoE++ / 4PPoE) “Mode A” and “Mode B”. RJ45
attachment plug with separate grounding cable and ground connection snap-on foot for NS 35 DIN rails.
Your advantages
 Can be used in applications up to 10˽Gbps with adapted protective circuit
 High power transmission with PoE++ / 4PPoE support
 Easy network integration via RJ45 jacks
 Can be installed in a control cabinet by removing the ground connection adapter
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356151900
Weight per Piece (excluding packing)
320.000 g
Custom tariff number
85363010
Country of origin
Germany
Technical data
Dimensions
Height
102 mm
Width
25 mm
Depth
63.5 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 70 °C


Similar Part No. - 2881007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2881010 PHOENIX-2881010 Datasheet
317Kb / 6P
Type 2 surge arrester - VAL-CP-3S-350/O
02/04/2022
More results

Similar Description - 2881007

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPD-20 MEANWELL-SPD-20_11 Datasheet
246Kb / 1P
20kA Surge Protection Device
logo
ON Semiconductor
NSPM2051 ONSEMI-NSPM2051 Datasheet
99Kb / 6P
ESD & Surge Protection Device
March, 2017 ??Rev. 3
logo
Mean Well Enterprises C...
SPD-20 MEANWELL-SPD-20 Datasheet
501Kb / 2P
20kA Surge Protection Device
logo
PHOENIX CONTACT
2803069 PHOENIX-2803069 Datasheet
96Kb / 6P
Surge protection device - DT-UFB-V24/S-9-SB
09/12/2020
2858991 PHOENIX-2858991 Datasheet
92Kb / 6P
Surge protection device - D-LAN-CAT.5E
09/12/2020
2859084 PHOENIX-2859084 Datasheet
101Kb / 6P
Surge protection device - D-LAN-CAT.5E-U
09/12/2020
2882925 PHOENIX-2882925 Datasheet
98Kb / 6P
Surge protection device - DT-TELE-RJ45
09/12/2020
2906805 PHOENIX-2906805 Datasheet
124Kb / 4P
Surge protection device - TTC-6-2X1-24DC-PT
09/21/2018
2803153 PHOENIX-2803153 Datasheet
271Kb / 6P
Surge protection device - CN-UB-70DC-6-SB
12/24/2021
2803166 PHOENIX-2803166 Datasheet
271Kb / 6P
Surge protection device - CN-UB-70DC-6-BB
12/24/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com