Electronic Components Datasheet Search
  English  ▼

X  

LTC4249 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4249
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4249 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4249 Datasheet HTML 8Page - Analog Devices LTC4249 Datasheet HTML 9Page - Analog Devices LTC4249 Datasheet HTML 10Page - Analog Devices LTC4249 Datasheet HTML 11Page - Analog Devices LTC4249 Datasheet HTML 12Page - Analog Devices LTC4249 Datasheet HTML 13Page - Analog Devices LTC4249 Datasheet HTML 14Page - Analog Devices LTC4249 Datasheet HTML 15Page - Analog Devices LTC4249 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LTC4249
12
Rev. 0
For more information www.analog.com
Applying the RDY Output
The RDY open-drain output is released and allowed to pull
high when the ECB is fully turned on and OUT is “ready”
for application. In a RF PA circuit, with OUT connected to
the PA drain, RDY may be used to enable PA gate bias.
RDY pulls low when EN is low and/or when fault events
such as overcurrent, short-circuit or thermal shutdown
conditions have occurred.
Figure 7 shows a typical RDY response to EN and subse-
quent overcurrent fault. RDY may be pulled up as high as
5.5V, by an external source. Resistors in the range of 1k to
10k are recommended. RDY may also be used to enable
other downstream loads such as DC-DC converters.
OVERCURRENT EVENT
10ms/DIV
EN
5V/DIV
OUT
20V/DIV
RDY
5V/DIV
IMON
2A/DIV
4249 F07
Figure 7. Typical RDY Response
Configuring Overcurrent (OC) Thresholds
Overcurrent thresholds are easily configured with a sin-
gle resistor (RIMON) from IMON to GND. IMON sources
100µA/A of ECB current. The primary (filtered) OC voltage
threshold at the IMON output is 1.2V. RIMON is simply
determined from:
RIMON =
1.2V
IECB
•10,000
where IECB is the desired circuit breaker threshold in
amperes. For a 1.2A circuit breaker threshold, RIMON is
10kΩ. Larger values of RIMON yield lower circuit breaker
thresholds. The secondary (fast) OC threshold is always
twice the configured primary OC threshold.
The primary OC threshold is filtered to remove small
fluctuations which allows the ECB to operate at currents
near the OC threshold. In order to trip the primary OC
comparator, the 1.2V threshold must be overdriven with
requisite magnitude and duration. The typical overdrive
versus time characteristic for the primary OC comparator
is shown in Figure 8.
ECB TURNS OFF ABOVE CURVE
ECB REMAINS ON BELOW CURVE
PRIMARY COMPARATOR OVERDRIVE (V)
0.01
0.1
1
2
1
10
100
500
Primary Comparator
Response vs Overdrive
4249 F08
Figure 8. Primary OC Comparator Filter Characteristic
The secondary OC threshold comparator does not have
added filtering and has a 2µs (typical) response time when
the 2.4V IMON threshold has been exceeded.
External filtering of the IMON output voltage to achieve
added ECB delay or noise rejection can be performed by
adding a capacitor CIMON in parallel with RIMON. A pole
will be formed by the RC combination.
Monitoring ECB Current
The IMON output current provides an accurate scaled
replica (100µA/A) of the OUT current. The IMON output
current is 5% accurate (30mA to 1.2A) over temperature
(Figure 9). Note that excellent accuracy is maintained even
at ECB currents below 30mA. The IMON accuracy reduces
the need to over design the input power supply current
capability due to the low variability in ECB threshold.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com