Electronic Components Datasheet Search
  English  ▼

X  

LTC4249 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4249
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4249 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4249 Datasheet HTML 12Page - Analog Devices LTC4249 Datasheet HTML 13Page - Analog Devices LTC4249 Datasheet HTML 14Page - Analog Devices LTC4249 Datasheet HTML 15Page - Analog Devices LTC4249 Datasheet HTML 16Page - Analog Devices LTC4249 Datasheet HTML 17Page - Analog Devices LTC4249 Datasheet HTML 18Page - Analog Devices LTC4249 Datasheet HTML 19Page - Analog Devices LTC4249 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LTC4249
16
Rev. 0
For more information www.analog.com
The recommended bias sequence during power down is
the following:
1) Remove RFIN signal.
2) Decrease PA VGG voltage to bring PA BIAS current to
zero. BIAS current may be inferred from the voltage at
the IMON output.
3) Pull EN below threshold (OUT disconnects from IN,
RDY pulls low).
Current Sharing
Some applications may require operation and OC sensing
above 1.2A load current. Operation up to 2.4A is possible
by simply paralleling the two ECB channels (Figure 17).
The two channels will share load current to typically 1%,
governed by RON matching.
If either channel exceeds 1.2A, the respective ECB shuts
off. This action throws the load current to the remaining
channel causing the second channel to shut off as well.
Multiple LTC4249s may be paralleled for even more cur-
rent. The efficacy of that approach depends on device to
device RON matching (typically ±2%, but is not guaran-
teed), and is slightly worse than the ±1% channel match-
ing specification.
TO LOAD
6V TO 65V
RIMON
22F
C1
GND
IN1
OUT1
EN1
RDY1
LTC4249
IMON1
IMON2
RDY2
IN2
EN2
OUT2
INTVCC
0.1F
C2
SOME CONNECTIONS
OMITTED FOR CLARITY
ENABLE
RIMON
4249 F17
Figure 17. Current Sharing for Applications above 1.2A
Output Overcurrent and Overvoltage
Circuit breaker action may also be achieved based on over-
voltage at the OUT node by the addition of a single resis-
tor ROV (Figure 18) between OUT and IMON. Calculating
resistor ROV depends on whether the load has current sink
or resistive properties. In this application, the OC and OV
thresholds become dependent and resistor calculation is
a multi-step procedure.
ROV
48V
RIMON
GND
IN1
OUT1
EN1
RDY1
LTC4249
IMON1
IMON2
RDY2
IN2
EN2
OUT2
INTVCC
0.1F
C1
SOME CONNECTIONS
OMITTED FOR CLARITY
ENABLE
CURRENT SINK
OR RESISTOR LOAD
LOAD ENABLE
4249 F18
Figure 18. OV/OC Circuit Breaker with One Additional Resistor
The nominal OUT1 voltage (VOUT) in Figure 18 is ~48V
with a desired OV threshold (VOV)of 56.2V. For a cur-
rent sink load (IOUT) operating nominally at 650mA and
a desired overcurrent threshold (IOC) of 732mA, ROV is
found from:
ROV =
VOUT 1.2V
1.2V
RIMON
IOC•GIMON
(
)
where GIMON = 100µA/A and RIMON = 10kΩ. Plugging in
IOC = 732mA yields ROV = 1MΩ. With ROV at 1MΩ and
IOUT = 650mA, VOV is determined from:
VOV =
1.2V
RIMON
IOUT •GIMON
(
) •ROV +1.2V
with a result of VOV = 56.2V.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com