Electronic Components Datasheet Search
  English  ▼

X  

LTC4368 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4368
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4368 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4368 Datasheet HTML 3Page - Analog Devices LTC4368 Datasheet HTML 4Page - Analog Devices LTC4368 Datasheet HTML 5Page - Analog Devices LTC4368 Datasheet HTML 6Page - Analog Devices LTC4368 Datasheet HTML 7Page - Analog Devices LTC4368 Datasheet HTML 8Page - Analog Devices LTC4368 Datasheet HTML 9Page - Analog Devices LTC4368 Datasheet HTML 10Page - Analog Devices LTC4368 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC4249
7
Rev. 0
For more information www.analog.com
BLOCK DIAGRAMS
1.2V
0.8V
2.4V
1.2V
2.4V
GATE DRIVE
FAULT1
RDY1
IN1
EN1
OUT1
GND
EN2
IMON1
IN2
LDO
RDY2
OUT2
IMON2
INTVCC
INTVCC
IN1
OUT1
IN2
OUT2
tCL1
tCL1
GATE DRIVE
FAULT2
tCL2
tCL2
4249 BD01
+
–
+
+
–
0.8V
GATE DRIVE
FAULT1
RDY1
EN1
GND
EN2
IMON1
IN2
LDO
RDY2
OUT2
IMON2
INTVCC
INTVCC
IN1
OUT1
tCL1
tCL1
GATE DRIVE
FAULT2
tCL2
tCL2
4249 BD02
+
–
1.2V
2.4V
1.2V
2.4V
+
+
–
3mm × 3mm Package
3mm × 4mm Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com