Electronic Components Datasheet Search
  English  ▼

X  

LTC4368 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4368
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4368 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4368 Datasheet HTML 9Page - Analog Devices LTC4368 Datasheet HTML 10Page - Analog Devices LTC4368 Datasheet HTML 11Page - Analog Devices LTC4368 Datasheet HTML 12Page - Analog Devices LTC4368 Datasheet HTML 13Page - Analog Devices LTC4368 Datasheet HTML 14Page - Analog Devices LTC4368 Datasheet HTML 15Page - Analog Devices LTC4368 Datasheet HTML 16Page - Analog Devices LTC4368 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC4249
13
Rev. 0
For more information www.analog.com
LOAD CURRENT (A)
0.01
0.1
1
2
90
92
94
96
98
100
102
104
106
108
110
–10
–8
–6
–4
–2
0
2
4
6
8
10
IMON Gain and Error
4249 F09
Figure 9. Typical IMON Gain vs Load Current
The IMON output has the bandwidth to follow ECB cur-
rents to approximately 50kHz. The bandwidth is a func-
tion of load capacitance at OUT and any capacitance at
the IMON output. Figure 10 shows how the IMON output
voltage follows a step change in ECB current from 0.5A to
1A. OUT capacitance is 100µF and no explicit capacitance
was added to IMON.
0.5A
1A
0.5V
1V
2ms/DIV
IMON VOLTAGE
500mV/DIV
ECB CURRENT
500mA/DIV
4249 F10
Figure 10. IMON Step Response (COUT = 100µF, RIMON = 10kΩ)
In applications where ECB current information must be
captured, the scaled ECB current history can be stored in
external memory by digitizing the IMON voltage with an
analog to digital converter.
Load Current Servo Control
In RF PA applications, the IMON voltage may be compared
to a reference and a control loop can servo the PA gate
bias to control drain bias current. The front-page applica-
tion schematic demonstrates how PA BIAS current can be
controlled by a DAC. PA VGG threshold variations due to
process and temperature are overcome with servo con-
trol, making individual bias trims obsolete.
In the front-page application, the input supply (28V) at
IN1 passes to the RF PA VDD when the voltage at EN1
exceeds 0.8V. Resistors R1 and R2 are chosen to provide
an under-voltage (UV) threshold of 24.88V and 1.09V of
falling hysteresis. Below threshold, RDY1 is low and the
op amp is in shutdown. With the op amp in shutdown,
the RF PA VGG is pulled to the negative potential (–5V)
through ROFF and the PA is off.
When the 28V input exceeds the UV threshold, the PA VDD
voltage ramps to the IN1 potential. RDY1 pulls high after
10ms and the op amp becomes active. At this point, the
op amp drives the RF PA VGG to the potential that forces
the PA BIAS current to track the controlling input at the op
amp non-inverting terminal. For example, if the control-
ling input is 1V, the PA VGG bias moves to force the PA
BIAS current to 1A.
If the PA BIAS current exceeds 1.2A, the ECB disconnects
the VDD bias and the RDY1 output pulls low. With RDY1
low, the op amp is in shutdown and the PA VGG bias pulls
to the negative rail.
For most closed loop applications, loop stability is
achieved with integrating capacitor CF. In situations where
COUT is greater than 10µF, an additional resistor/capacitor
combination may be needed for lead-lag compensation.
A generalized compensation methodology is described
below.
Loop Analysis
The front page schematic loop elements are extracted
and shown in Figure 11. Various important quantities are
defined here:
• VC: the controlling input at the non-inverting terminal
of the op amp
• RON: the ECB on-resistance (75mΩ)
• COUT: the PA VDD drain capacitance (10µF)
• GM: the LTC4249 current monitor transconductance
(1.33 mA/V)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com