Electronic Components Datasheet Search
  English  ▼

X  

LT4363 Datasheet(PDF) 18 Page - Analog Devices

Part # LT4363
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4363 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT4363 Datasheet HTML 14Page - Analog Devices LT4363 Datasheet HTML 15Page - Analog Devices LT4363 Datasheet HTML 16Page - Analog Devices LT4363 Datasheet HTML 17Page - Analog Devices LT4363 Datasheet HTML 18Page - Analog Devices LT4363 Datasheet HTML 19Page - Analog Devices LT4363 Datasheet HTML 20Page - Analog Devices LT4363 Datasheet HTML 21Page - Analog Devices LT4363 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LTC4249
18
Rev. 0
For more information www.analog.com
TO LOAD
V1
RIMON11
10F
CLOAD
GND
IN1
OUT1
EN1
RDY1
LTC4249
IMON1
IMON2
RDY2
IN2
EN2
OUT2
INTVCC
0.1F
C1
SOME CONNECTIONS
OMITTED FOR CLARITY
ENABLE_1
RIMON12
V2
RIMON21
GND
IN1
OUT1
EN1
RDY1
LTC4249
IMON1
IMON2
RDY2
IN2
EN2
OUT2
INTVCC
0.1F
C2
ENABLE_2
RIMON22
4249 F20
Figure 20. Load Switch Application
High Voltage Spacing Considerations
In applications where creepage and clearance standards
up to 65V must be met, a 12-Lead 3mm × 4mm LQFN
package is available for ordering. The IN1, OUT1, IN2 and
OUT2 leads are all adequately spaced to all other leads
including the exposed thermal pad.
Thermal Considerations
The exposed thermal pad is internally connected to
ground and provides an optimal path for heat removal.
In applications where the ambient temperature is above
90°C, connect the exposed pad to 2 inch2 of 1oz PCB cop-
per to limit junction heating when operating at maximum
current capability of 1.2A per channel (2.4A total).
At high ambient temperatures, a heat removal path is
also important during the 10ms current limited operat-
ing phase, where the pulsed power can cause brief but
large temperature rise.
Under extreme thermal conditions an integrated thermal
switch activates to turn off both channels. The breakers
remain off for typically 1 second and until the respective
enable inputs are toggled.
Industrial Applications
Many of the individual applications discussed thus far can
be combined in clever ways to solve system problems.
Industrial applications often require the need for circuit
breakers. The back page shows an industrial application
utilizing the LTC4249 capabilities to provide undervolt-
age (UV), overvoltage (OV), overcurrent (OC) and reverse
current protection for a 15V system with a nominal 50mA
resistive load current. The resistor values are calculated
to provide the following thresholds:
UV Threshold: 12V
OV Threshold: 16.9V
Forward OC Primary Threshold: 193mA
Reverse OC Primary Threshold: 1.2A
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com