Electronic Components Datasheet Search
  English  ▼

X  

LT4363 Datasheet(PDF) 19 Page - Analog Devices

Part # LT4363
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4363 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT4363 Datasheet HTML 14Page - Analog Devices LT4363 Datasheet HTML 15Page - Analog Devices LT4363 Datasheet HTML 16Page - Analog Devices LT4363 Datasheet HTML 17Page - Analog Devices LT4363 Datasheet HTML 18Page - Analog Devices LT4363 Datasheet HTML 19Page - Analog Devices LT4363 Datasheet HTML 20Page - Analog Devices LT4363 Datasheet HTML 21Page - Analog Devices LT4363 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LTC4249
19
Rev. 0
For more information www.analog.com
During initial turn-on, the load capacitance charges
through ECB1 and the body diode of ECB2. RDY1 enables
ECB2 after the ECB1 10ms current limited turn phase
is complete. ECB2 then turns on and shunts the body
diode path.
Special “5V ONLY” Application
Under most circumstances, the minimum IN1 voltage
required for operation is 6V. However, a very narrow
application for IN1 = 5V is possible provided a few condi-
tions are met. First, the IN1 supply voltage must be tightly
regulated to ±5% (4.75V to 5.25V). Second, IN1 must be
connected to the INTVCC output (Figure 21). OUT1, when
ECB1 is on, is therefore constrained to the IN1 limitation.
IN2 may be operated normally over its full range.
This application is tested in production and has been
qualified over temperature. Note that while the electrical
table does not extend IN1 below 6V, this application is
supported with respect to all other electrical table entries
except for VCCOR, VECB2, VACC2 and tOC2. Above 1.8A,
the secondary overcurrent comparators may experience
increased threshold or delay. The primary overcurrent
comparators however, conform to data sheet specifica-
tions over their full range (1.2A), ensuring ECB shutoff
under overcurrent conditions.
Operation beyond these special constraints is not recom-
mended and operation is not guaranteed.
R1
10k
R2
10k
TO LOAD1
5V ±5%
RIMON1
22F
C1
GND
IN1
OUT1
EN1
RDY1
LTC4249
IMON1
IMON2
RDY2
IN2
EN2
OUT2
INTVCC
0.1F
C3
TO LOAD2
22F
C2
RIMON2
READY1
READY2
4249 F21
Figure 21. Special “5V ONLY” Application
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com