Electronic Components Datasheet Search
  English  ▼

X  

LTC4372 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4372
Description  18V, 12A Ideal Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4372 Datasheet(HTML) 4 Page - Analog Devices

  LTC4372 Datasheet HTML 1Page - Analog Devices LTC4372 Datasheet HTML 2Page - Analog Devices LTC4372 Datasheet HTML 3Page - Analog Devices LTC4372 Datasheet HTML 4Page - Analog Devices LTC4372 Datasheet HTML 5Page - Analog Devices LTC4372 Datasheet HTML 6Page - Analog Devices LTC4372 Datasheet HTML 7Page - Analog Devices LTC4372 Datasheet HTML 8Page - Analog Devices LTC4372 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LTC4450
4
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VIN Current in Regulation
VCC Current in Regulation
VIN Current in Shutdown
VCC Current in Shutdown
OUT Reverse Leakage
vs Temperature
STATUS Output Low Voltage
vs Current
MOSFET RDS(ON) vs Temperature
Forward Regulation Voltage
vs Temperature
MOSFET Turn-Off Time
vs Final Overdrive
VCC = 0V
VIN (V)
0
4
8
12
16
20
0
5
10
15
20
25
30
35
IN
4450 G01
–40°C
125°C
25°C
VIN = 0V
VCC (V)
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
CC
4450 G02
–40°C
125°C
25°C
SHDN# = 0V
VIN (V)
0
4
8
12
16
20
0
0.5
1.0
1.5
2.0
2.5
IN
4450 G03
–40°C
25°C
125°C
SHDN# = 0V
VCC (V)
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
VCC Current in Shutdown
4450 G04
–40°C
125°C
25°C
OUT = 0.1V
OUT = 1V
OUT = 10V
OUT = 18V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.01
0.1
1
10
100
500
4450 G05
VIN = 12V
ISTATUS (mA)
0
1
2
3
4
5
0
0.5
1.0
1.5
2.0
STATUS Output Low Voltage vs. Current
4450 G06
–40°C
125°C
25°C
VIN = 12V, IFWD = 12A
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
5
6
7
8
9
10
4450 G07
VIN = 12V, IFWD = 50mA
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
10
12
14
16
18
20
vs. Temperature
4450 G08
VIN = 12V
∆VFWD = 20mV, STEP TO VFINAL
VFINAL (V)
0
–0.2
–0.4
–0.6
–0.8
–1
300
500
700
900
1100
1300
1500
1700
FET Turn-Off Time vs. Reverse Voltage
4450 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com