Electronic Components Datasheet Search
  English  ▼

X  

LTC4372 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4372
Description  18V, 12A Ideal Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4372 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4372 Datasheet HTML 6Page - Analog Devices LTC4372 Datasheet HTML 7Page - Analog Devices LTC4372 Datasheet HTML 8Page - Analog Devices LTC4372 Datasheet HTML 9Page - Analog Devices LTC4372 Datasheet HTML 10Page - Analog Devices LTC4372 Datasheet HTML 11Page - Analog Devices LTC4372 Datasheet HTML 12Page - Analog Devices LTC4372 Datasheet HTML 13Page - Analog Devices LTC4372 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LTC4450
11
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
12V Diode-OR with Reverse Recovery Protection
5V Diode-OR with Reverse Voltage Protection
VOUT
D1
MMBD717
CLOAD
100 F
120m ESR
CIN1
0.1 F
LTC4450
GND
OUT
IN
SHDN#
VCC
STATUS
N/C
GND
OUT
IN
SHDN#
VCC
STATUS
N/C
4450 TA04
D2
MMBD717
VINA
5V
VINB
5V
LTC4450
CIN2
0.1 F
VOUT
VCC
SHDN#
GND
LTC4450
IN
OUT
VINA
12V
VCC
GND
LTC4450
IN
OUT
CLOAD
100µF
120m ESR
SHDN#
STATUS
NC
STATUS
NC
VINB
12V
4450 TA03
MBRS120
1A
20V
MBRS120
1A
20V
CIN1
0.1 F
CIN2
0.1 F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com