Electronic Components Datasheet Search
  English  ▼

X  

LMX2485E Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2485E
Description  50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2485E Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LMX2485E Datasheet HTML 17Page - National Semiconductor (TI) LMX2485E Datasheet HTML 18Page - National Semiconductor (TI) LMX2485E Datasheet HTML 19Page - National Semiconductor (TI) LMX2485E Datasheet HTML 20Page - National Semiconductor (TI) LMX2485E Datasheet HTML 21Page - National Semiconductor (TI) LMX2485E Datasheet HTML 22Page - National Semiconductor (TI) LMX2485E Datasheet HTML 23Page - National Semiconductor (TI) LMX2485E Datasheet HTML 24Page - National Semiconductor (TI) LMX2485E Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Functional Description (Note 9)
(Continued)
CE Pin
RF_PD
ATPU
Bit Enabled +
Write to RF
N Counter
PLL State
Low
X
X
Powered Down
(Asynchronous)
High
X
Yes
Powered Up
High
0
No
Powered Up
High
1
No
Powered Down
( Asynchronous )
1.7 DIGITAL LOCK DETECT OPERATION
The RF PLL digital lock detect circuitry compares the differ-
ence between the phase of the inputs of the phase detector
to a RC generated delay of e. To indicate a locked state
(Lock = HIGH) the phase error must be less than the e RC
delay for 5 consecutive reference cycles. Once in lock (Lock
= HIGH), the RC delay is changed to approximately
δ.To
indicate an out of lock state (Lock = LOW), the phase error
must become greater
δ. The values of e and δ are dependent
on which PLL is used and are shown in the table below:
PLL
e
δ
RF
10 ns
20 ns
IF
15 ns
30 ns
When the PLL is in the power down mode and the Ftest/LD
pin is programmed for the lock detect function, it is forced
LOW. The accuracy of this circuit degrades at higher com-
parison frequencies. To compensate for this, the DIV4 word
should be set to one if the comparison frequency exceeds 20
MHz. The function of this word is to divide the comparison
frequency presented to the lock detect circuit by 4. Note that
if the MUX[3:0] word is set such as to view lock detect for
both PLLs, an unlocked (LOW) condition is shown whenever
either one of the PLLs is determined to be out of lock.
20087704
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com